Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3P6MH Datasheet(PDF) 1 Page - NEC

Part # 3P6MH
Description  THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

3P6MH Datasheet(HTML) 1 Page - NEC

  3P6MH Datasheet HTML 1Page - NEC 3P6MH Datasheet HTML 2Page - NEC 3P6MH Datasheet HTML 3Page - NEC 3P6MH Datasheet HTML 4Page - NEC 3P6MH Datasheet HTML 5Page - NEC 3P6MH Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
Document No. D13533EJ3V0DS00 (3rd edition)
Date Published April 2002 N CP(K)
Printed in Japan
THYRISTORS
3P4MH, 3P6MH
3 A MOLD SCR
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 3P4MH and 3P6MH are P-gate fully diffused mold
SCRs with an average on-current of 3 A. The repeat peak off-
voltages (and reverse voltages) are 400 V and 600 V.
FEATURES
• This transistor features a small and lightweight package and
is easy to handle even on the mounting surface due to its
TO-202AA dimensions. Processing of lead wires
and
heatsink (tablet) using jigs is also possible.
• Employs flame-retardant epoxy resin (UL94V-0).
APPLICATIONS
Noncontact switches of consumer electronic euipments,
electric equipments, audio quipments, and light indutry
equipements
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
3P4MH
3P6MH
Ratings
Unit
Non-repetitive peak reverse voltage
VRSM
500
700
V
RGK = 1 k
Ω
Non-repetitive peak off-state voltage
VDSM
500
700
V
RGK = 1 k
Ω
Repetitive peak reverse voltage
VRRM
400
600
V
RGK = 1 k
Ω
Repetitive peak off-voltage
VDRM
400
600
V
RGK = 1 k
Ω
Average on-state current
IT(AV)
3 (Tc = 87
°C, Single half-wave,
θ = 180°)A
Refer to Figure 11.
Effective on-state current
IT(RMS)
4.7
A
−
Surge on-state current
ITSM
65 (f = 50 Hz, Sine half-wave, 1 cycle)
70 (f = 60 Hz, Sine half-wave, 1 cycle)
A
Refer to Figure 2.
Fusing current
∫ it2dt
20 (1 ms
≤t≤10 ms)
A
2s
−
Critical rate of rise of on-state current
dIT/dt
50
A/
µs
−
Peak gate power dissipation
PGM
2 (f
≥50 Hz, Duty≤10%)
W
Refer to Figure 3.
Average gate power dissipation
PG(AV)
0.2
W
Peak gate forward current
IFGM
1 (f
≥50 Hz, Duty≤10%)
A
−
Peak gate reverse voltage
VRGM
6V
−
Junction temperature
Tj
−40 to +125
°C
−
Storage temperature
Tstg
−55 tp +150
°C
−
Electrode connection
<1>Cathode
<2>Anode
<3>Gate
Standard weight: 1.4
*TC test bench-mark


Similar Part No. - 3P6MH

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
3P6MH TGS-3P6MH Datasheet
160Kb / 1P
Triacs sensitive gate
3P6MH TGS-3P6MH Datasheet
157Kb / 1P
Triacs sensitive gate
logo
Kersemi Electronic Co.,...
3P6MH KERSEMI-3P6MH Datasheet
922Kb / 4P
Employs flame-retardant epoxy resin UL94V-0
logo
Renesas Technology Corp
3P6MH RENESAS-3P6MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
More results

Similar Description - 3P6MH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com