Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTH02 Datasheet(PDF) 2 Page - International Rectifier

Part # 30CTH02
Description  Hyperfast Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTH02 Datasheet(HTML) 2 Page - International Rectifier

  30CTH02 Datasheet HTML 1Page - International Rectifier 30CTH02 Datasheet HTML 2Page - International Rectifier 30CTH02 Datasheet HTML 3Page - International Rectifier 30CTH02 Datasheet HTML 4Page - International Rectifier 30CTH02 Datasheet HTML 5Page - International Rectifier 30CTH02 Datasheet HTML 6Page - International Rectifier 30CTH02 Datasheet HTML 7Page - International Rectifier 30CTH02 Datasheet HTML 8Page - International Rectifier 30CTH02 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
30CTH02, 30CTH02S, 30CTH02-1, 30CTH02FP
Bulletin PD-20768 rev. C 09/04
www.irf.com
VBR, Vr
Breakdown Voltage,
200
-
-
V
IR = 100µA
Blocking Voltage
VF
Forward Voltage
-
0.92 1.05
V
IF = 15A, TJ = 25°C
-
0.78 0.85
V
IF = 15A, TJ = 125°C
IR
Reverse Leakage Current
-
-
10
µA
VR = VR Rated
-
5
300
µA
TJ = 125°C, VR = VR Rated
CT
Junction Capacitance
-
57
-
pF
VR = 200V
LS
Series Inductance
-
8
-
nH
Measured lead to lead 5mm from package body
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max
Test Conditions
Units
trr
Reverse Recovery Time
-
-
35
ns
IF = 1A, diF/dt = 50A/µs, VR = 30V
--
30
IF = 1A, diF/dt = 100A/µs, VR = 30V
-26
-
TJ = 25°C
-40
-
TJ = 125°C
IRRM
Peak Recovery Current
-
2.8
-
A
TJ = 25°C
-
6.0
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
37
-
nC
TJ = 25°C
-
120
-
TJ = 125°C
Dynamic Recovery Characteristics @ TC = 25°C (unless otherwise specified)
Parameters
Min Typ Max
Test Conditions
Units
IF = 15A
diF/dt = 200A/µs
VR = 160V
Parameters
Min
Typ
Max
Units
TJ
Max. Junction Temperature Range
-
-
175
°C
TStg
Max. Storage Temperature Range
- 65
-
175
RthJC
Thermal Resistance,
Per Diode
-
-
1.1
°C/W
Junction to Case
Fullpack (Per Diode)
-
-
3.5
Device Marking
30CTH02
Case Style TO-220
30CTH02S
Case Style D2Pak
30CTH02-1
Case Style TO-262
30CTH02FP
Case Style Fullpack
Thermal - Mechanical Characteristics
Mounting Surface, Flat, Smooth and Greased



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com