Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX373 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX373
Description  OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX373 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX373 Datasheet HTML 1Page - STMicroelectronics 74LCX373 Datasheet HTML 2Page - STMicroelectronics 74LCX373 Datasheet HTML 3Page - STMicroelectronics 74LCX373 Datasheet HTML 4Page - STMicroelectronics 74LCX373 Datasheet HTML 5Page - STMicroelectronics 74LCX373 Datasheet HTML 6Page - STMicroelectronics 74LCX373 Datasheet HTML 7Page - STMicroelectronics 74LCX373 Datasheet HTML 8Page - STMicroelectronics 74LCX373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
September 2001
s
5V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED :
tPD = 8.0 ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 373
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCX373 is a low voltage CMOS OCTAL
D-TYPE
LATCH
with
3
STATE
OUTPUT
NON-INVERTING
fabricated
with
sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications; it can be interfaced to 5V
signal environment for both inputs and outputs.
These 8 bit D-Type latch are controlled by a latch
enable input (LE) and an output enable input (OE).
While the LE inputs is held at a high level, the Q
outputs will follow the data input. When the LE is
taken low, the Q outputs will be latched precisely
at the logic level of D input data. While the (OE)
input is low, the 8 outputs will be in a normal logic
state (high or low logic level) and while (OE) is in
high level, the outputs will be in a high impedance
state.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LCX373
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE)
WITH 5V TOLERANT INPUTS AND OUTPUTS
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74LCX373M
74LCX373MTR
TSSOP
74LCX373TTR
TSSOP
SOP


Similar Part No. - 74LCX373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX373 STMICROELECTRONICS-74LCX373 Datasheet
276Kb / 13P
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373 Datasheet
670Kb / 15P
Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Fairchild Semiconductor
74LCX373BQX FAIRCHILD-74LCX373BQX Datasheet
747Kb / 15P
Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX374 STMICROELECTRONICS-74LCX374 Datasheet
74Kb / 10P
OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-1999
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Feb-1999
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Feb-1999
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX373 STMICROELECTRONICS-74LCX373_04 Datasheet
276Kb / 13P
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX374 STMICROELECTRONICS-74LCX374_04 Datasheet
277Kb / 13P
OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX573 STMICROELECTRONICS-74LCX573_04 Datasheet
276Kb / 13P
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
16-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com