Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1990 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1990
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1990 Datasheet HTML 2Page - Analog Devices AD1990 Datasheet HTML 3Page - Analog Devices AD1990 Datasheet HTML 4Page - Analog Devices AD1990 Datasheet HTML 5Page - Analog Devices AD1990 Datasheet HTML 6Page - Analog Devices AD1990 Datasheet HTML 7Page - Analog Devices AD1990 Datasheet HTML 8Page - Analog Devices AD1990 Datasheet HTML 9Page - Analog Devices AD1990 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD199x
Preliminary Technical Data
Rev. PrA – 1/20/05 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3. AD199x Absolute Maximum Ratings1
Parameter
Rating
AVDD, DVDD to AGND, DGND
-0.3 V to +6.5 V
PVDDX to PGND
-0.3 V to +30.0 V2
AGND to DGND to PGND
-0.3 V to +0.3 V
AVDD, to DVDD
-0.5 V to +0.5 V
Audio Inputs
AGND to AVDD
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Maximum Junction Temperature
150°C
θJC Thermal Impedance (LFCSP)
3°C/W
θJC Thermal Impedance (PSOP)
1°C/W
Lead Temperature
Soldering (10 sec)
260°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
2Including any induced voltage due to inductive load
36
37
38
39
PGND2
PGND2
OUTR-
PGND2
OUTR+
PVDD2
OUTR+
OUTR+
OUTR-
OUTR-
PGND2
PVDD2
17
18
19
20
21
22
23
24
25
26
1
2
3
4
5
6
7
8
9
10
11
12
13
40
41
42
43
44
45
46
47
48
52
AD1990/92/94
TOP VIEW
(Not to Scale)
•
PIN 1
IDENTIFIER
PGND1
PGND1
PGND1
OUTL-
PVDD1
PVDD1
OUTL+
PGND1
OUTL-
OUTL+
OUTL-
OUTL+
PVDD1
14
15
16
27
28
29
30
31
32
33
34
35
49
50
51
64
63
62
61
60
59
58
57
56
55
54
53
PGND1
PVDD1
PGND1
PGND2
PVDD2
PVDD2
PGND2
1990-0002
Figure 5. 64 Lead LFCSP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com