Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5933 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5933
Description  1 MSPS 12-Bit Impedance Converter, Network Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5933 Datasheet HTML 9Page - Analog Devices AD5933 Datasheet HTML 10Page - Analog Devices AD5933 Datasheet HTML 11Page - Analog Devices AD5933 Datasheet HTML 12Page - Analog Devices AD5933 Datasheet HTML 13Page - Analog Devices AD5933 Datasheet HTML 14Page - Analog Devices AD5933 Datasheet HTML 15Page - Analog Devices AD5933 Datasheet HTML 16Page - Analog Devices AD5933 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Technical Data
AD5933
Rev. PrA | Page 13 of 20
CONTROL REGISTER
The AD5933 contains a 16 bit control register (address 80h and
81h) that set the AD5933 control modes. The five MSB’s of the
control register are decoded to provide control functions for
frequency sweep, power down and various other control
functions, defined in Table below. The other command
functions of the control register are explained on the following
pages.
Note: For error checking on the control register it is advised to
write one byte at a time with PEC enabled. This allows full error
checking to be completed before the control register is updated
and therefore ensures the control is not updated with incorrect
data. The Control register will power-up in the following state
xA000h (i.e. in Power-down)
Table 6. Control Register Map
Bit
D15
D15
D14
D13
D12
D11
FREQUENCY SWEEP
D14
0
0
0
0
0
No Operation/ Exit Fuse Blow Mode
D13
0
0
0
0
1
Initialize Sensor with Start Frequency
D12
0
0
0
1
0
Start Frequency Sweep
D11
0
0
0
1
1
Increment Frequency
0
0
1
0
0
Repeat Frequency
0
1
0
0
0
Reserved.
0
1
0
0
1
Measure Temperature
0
1
0
1
0
Power Down
0
1
0
1
1
Standby Mode
D10
External Calibration Mode = “1”
D9
D9
D8
Output Voltage
D8
0
0
No Divide.
(Normal Mode = 2.0V)
0
1
Divide by 10
(200mv)
1
0
Divide by 5
(400mv)
1
1
Divide by 2
(1.0v)
D7
Post Gain
“0” = Multiply X 5;
“1” = Multiply X 1.
D6
Error Checking Enable = “1”; Disable=”0”
D5
Reserved. Set to “0”
D4
RESET
D3
D3
D2
System Clock
D2
0
0
Internal Oscillator
0
1
Reserved.
1
0
External Oscillator
1
1
PLL
D1
0
RESERVED
D0
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com