Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMB2F Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # RMB2F
Description  GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

RMB2F Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  RMB2F Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd RMB2F Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RMB2F THRU RMB10F
Voltage Range - 200 to 1000 Volts
Current - 0.5/0.8 Ampere
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
30
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
RMB2F
0.5
0.8
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
260 /10 seconds at 5 lbs., (2.3kg) tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
High surge current capability
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load derate current by 20%.
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
On glass-epoxy P.C.B.(Note1)
On aluminum substrate(Note2)
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load
Maximum instantaneous forward voltage drop
per leg at 0.4A
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=125
Typical thermal resistance(NOTE 3)
R JA
IR
VF
uA
uA
1.3
30
5.0
500
RMB6F
RMB4F
RMB8F
RMB10F
-55 to +150
Operating temperature range
TJ
/W
Glass passivated chip junction
R JL
88
-55 to +150
NOTES:1.On glass epoxy P.C.B. mounted on 0.05x0.05''(1.3x1.3mm) pads.
2.On aluminum substrate P.C.B. with an area of 0.8''x0.8''(20x20mm) mounted on 0.05X0.05''(1.3X1.3mm) solder pad.
storage temperature range
TSTG
3.Thermal resistance form junction to ambient and junction to lead mounted on P.C.B. with 0.2X0.2''(5X5mm) copper pads.
Maximum reverse recovery time
(NOTE 4)
trr
150
ns
250
500
4.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A.
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
MBF
0.252(6.40)
0.161 (4.10)
0.142 (3.60)
0.014 (0.35)
0.006(0.150)
0.008 (0.20)
Max
0.276(7.00)
0.020(0.50)
0.043(1.10)
0.051(1.30)
0.067(1.70)
0.106 (2.70)
0.091 (2.30)
0.059(1.50)
Max
Dimensions in inches and (millimeters)
0.020(0.50)
0.028(0.70)
0.177(4.50)
0.195(4.95)
Green compound(halogen&Sb2O3 free)
MDD Catalog Number


Similar Part No. - RMB2F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
RMB2F JUXING-RMB2F Datasheet
670Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
RMB2F DCCOM-RMB2F Datasheet
40Kb / 2P
RECTIFIER SPECIALISTS
logo
DIYI Electronic Technol...
RMB2F DYELEC-RMB2F Datasheet
2Mb / 3P
PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RMB2F ZSELEC-RMB2F Datasheet
88Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
RMB2F CHENDA-RMB2F Datasheet
558Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - RMB2F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FB40 EIC-FB40 Datasheet
45Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FW005G EIC-FW005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FWL005G EIC-FWL005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
RABS2 CHENDA-RABS2 Datasheet
246Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152 Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_17 Datasheet
321Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152_17 Datasheet
367Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_V01 Datasheet
523Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F_V01 Datasheet
558Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com