Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATG778 Datasheet(PDF) 2 Page - Power Semiconductors

Part # ATG778
Description  GATE TURN-OFF THYRISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ATG778 Datasheet(HTML) 2 Page - Power Semiconductors

  ATG778 Datasheet HTML 1Page - Power Semiconductors ATG778 Datasheet HTML 2Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATG778 GATE TURN-OFF THYRISTOR
FINAL SPECIFICATION
nov 06 - ISSUE : 03
0
500
1000
1500
2000
2500
0,6
1,6
2,6
3,6
ON-STATE CHARACTERISTIC
Tj = 125 °C
0
2
4
6
8
10
12
14
16
18
1
10
100
SURGE CHARACTERISTIC
Tj = 125 °C
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
Distributed by
0,6
1,6
2,6
3,6
On-state Voltage [V]
0
2
4
6
8
10
12
14
16
18
20
0,001
0,01
0,1
1
10
t[s]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
1
10
100
n°cycles
All the characteristics given in this data sheet are guaranteed only with uniform
clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm
and roughness < 2 µm.
In the interest of product improvement POSEICO SpA reserves the right to change
any data given in this data sheet at any time without previous notice.
any data given in this data sheet at any time without previous notice.
If not stated otherwise the
maximum value of ratings (simbols over shaded
background) and characteristics is reported.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com