Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88615 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88615
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88615 Datasheet HTML 18Page - ASIX Electronics Corporation AX88615 Datasheet HTML 19Page - ASIX Electronics Corporation AX88615 Datasheet HTML 20Page - ASIX Electronics Corporation AX88615 Datasheet HTML 21Page - ASIX Electronics Corporation AX88615 Datasheet HTML 22Page - ASIX Electronics Corporation AX88615 Datasheet HTML 23Page - ASIX Electronics Corporation AX88615 Datasheet HTML 24Page - ASIX Electronics Corporation AX88615 Datasheet HTML 25Page - ASIX Electronics Corporation AX88615 Datasheet HTML 26Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
ASIX ELECTRONICS CORPORATION
25
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
A.3 AX88615 as backend of dual speed repeaters
Buffer
10Mbps and 100Mbps horizontal cascade
10Mbps and 100Mbps Vertical cascade upto 4 stacks
AX88873 #0
Repeater Controller
2 Quad RMII PHY
2 Quad RMII PHY
AX88873 #1
Repeater Controller
Buffer
10Mbps and 100Mbps horizontal
AX88873 #0
Repeater Controller
2 Quad RMII PHY
2 Quad RMII PHY
AX88873 #1
Repeater Controller
AX88615
5-port Switch Controller
Quad PHY
Single PHY
10M Link
100M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com