Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSO1F Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO1F
Description  Airbone equipments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO1F Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO1F_17 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO1F_17 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO1Ffamily package8×4mm
Low Jitter
From 10 kHz up to 225 MHz
1
2
3
4
4 3
1 2
7,86
3,70
3,60
1,52
2,2
2,54
3,18
2,54
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range (see ordering info)
Including:adjustment at +25°C
long term aging 10 years
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 100
ppm
Frequency stability version T
Over temperature range (see ordering info)
Including:adjustment at +25°C
long term aging 1 year
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 50
ppm
Supply voltage ± 5%
1)*
Version 1.2V avaible on request
Vdd
1.8 / 2.5 / 3.3
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time ≤ 20MHz
For F=32.768 kHz rise & fall time ≤ 150ns
(load 15pf 20% to 80%)
≤7
ns
Rise & fall time ≥ 20MHz
(load 15pf 10% to 90%)
≤3
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
Jitter ≤ 20MHz one sigma
< 2rms
ps
Jitter > 20MHz one sigma
< 10rms
ps
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Avionics
- Airbone equipments
- Remote control
- Security application
- Radio Transceiver
- Microprocessor clocks
The MCSO1's are supplied on trays (91 pcs / tray)
For pick-and-place equipment, the parts are
available in 16mm tapes with 250 parts min
1000 parts max
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low internal MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
* 1) C = 47nF ceramic must be connected between GND & Vdd


Similar Part No. - MCSO1F_17

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
More results

Similar Description - MCSO1F_17

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3542 TOSHIBA-TLP3542_07 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TPCA8078 TOSHIBA-TPCA8078 Datasheet
231Kb / 9P
Notebook PCs Mobile Equipments
logo
ELM Electronics
ELM14570GA ELM-ELM14570GA Datasheet
711Kb / 4P
IF IC for communication equipments
logo
MICORO CRYSTAL SWITZERL...
MCSO6F MICROCRYSTAL-MCSO6F Datasheet
281Kb / 2P
Airbone equipments
logo
Union Semiconductor, In...
UM8517P UNIONSEMI-UM8517P Datasheet
157Kb / 5P
Battery-Powered Portable Equipments
logo
MICORO CRYSTAL SWITZERL...
MCSO1ES MICROCRYSTAL-MCSO1ES_17 Datasheet
418Kb / 2P
Airbone equipments
MCSO2 MICROCRYSTAL-MCSO2_17 Datasheet
345Kb / 1P
Airbone equipments
MCSO2EU MICROCRYSTAL-MCSO2EU_17 Datasheet
347Kb / 2P
Downhole and Well drilling equipments
MCSO2L MICROCRYSTAL-MCSO2L Datasheet
331Kb / 2P
Airborne equipments
MCSO6 MICROCRYSTAL-MCSO6_17 Datasheet
302Kb / 2P
Airbone equipments
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com