Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSO6F Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO6F
Description  Low Jitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO6F Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO6F_17 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO6F_17 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO6Ffamilypackage3.2×2.5mm
Low Jitter
From 10 kHz up to 155 MHz
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range (see ordering info)
Including:adjustment at +25°C
long term aging 10 years
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 100
ppm
Frequency stability version T
Over temperature range (see ordering info)
Including:adjustment at +25°C
long term aging 1 year
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 50
ppm
Supply voltage ± 5%
1)*
Version 1.2V available on request
Vdd
1.8 / 2.5 / 3.3
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time
For F=32.768 kHz rise & fall time ≤ 150ns
(load 15pf 20% to 80%)
≤7
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
Jitter ≤ 20MHz one sigma
< 2rms
ps
Jitter > 20MHz one sigma
< 10rms
ps
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Avionics
- Airbone equipments
- Remote control
- Security application
- Radio Transceiver
- Microprocessor clocks
The MCSO6's are supplied on trays (208 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low internal MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
Package:
Bottom view
Recommended Solder Pad:
* 1) C = 47nF ceramic must be connected between GND & Vdd
1,3
0,9
1,3
1,3
1,1
4
3
2
1
1
2
3
4
3,6 max
1,1
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd


Similar Part No. - MCSO6F_17

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO6FV GOLLEDGE-MCSO6FV Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO6FW GOLLEDGE-MCSO6FW Datasheet
551Kb / 4P
Excellent shock & vibration resistance
More results

Similar Description - MCSO6F_17

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
Ultra Low Jitter.
logo
Vectron International, ...
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
Low Jitter Frequency Translator
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
Low Jitter Frequency Translator
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
Low Jitter VCSO Frequency Translator Jitter Attenuator
logo
EUROQUARTZ limited
HDQN EUROQUARTZ-HDQN Datasheet
461Kb / 4P
Specification Low Jitter Oscillators
logo
Oscilent Corporation
431 OSCILENT-431 Datasheet
133Kb / 2P
Low Jitter 5pS
logo
Fox Electronics
FXO-LC735 FOX-FXO-LC735 Datasheet
178Kb / 6P
XTREMELY Low Jitter
logo
Golledge Electronics Lt...
MCSO2FHZ GOLLEDGE-MCSO2FHZ Datasheet
550Kb / 4P
1.8V Low Jitter Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
Low Jitter Crystal Oscillator
10/25/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com