Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL2040 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL2040
Description  High Voltage Silicon Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL2040 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL2040 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL2040 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL2040
2.0A 40kV
High Voltage Silicon Rectifier Assembly
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-08 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier assembly is
made of high quality glass passivated chip and
high reliability epoxy resin sealing structure,
and through professional testing equipment
inspection qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. Power frequency ratio.
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Power rectifier equipment.
2. Voltage doubling circuit.
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 200 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVC-223020
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
40
kV
Average Forward Current Maximum
IFAVM
TA=40°C
2.0
A
Suege Current
IFSM
TA=25°C; Half-Sine Wave; 8.3mS
40
A
Junction Temperature
TJ
125
°C
Allowable Operation Case Temperature
Tc
-40~+125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
48
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
5.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF


Similar Part No. - 2CL2040

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2CL20-04 AMMSEMI-2CL20-04 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL20-06 AMMSEMI-2CL20-06 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL20-08 AMMSEMI-2CL20-08 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL20-10 AMMSEMI-2CL20-10 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL20-12 AMMSEMI-2CL20-12 Datasheet
673Kb / 4P
High Voltage Rectifier Series
More results

Similar Description - 2CL2040

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL10KV GETEDZ-2CL10KV_17 Datasheet
506Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL20KV GETEDZ-2CL20KV Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL40KV GETEDZ-2CL40KV Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL2020 GETEDZ-2CL2020_17 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL2030 GETEDZ-2CL2030 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL3030 GETEDZ-2CL3030_17 Datasheet
509Kb / 2P
High Voltage Silicon Rectifier Assembly
2CL5040 GETEDZ-2CL5040 Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Assembly
2CLG20KV-3A GETEDZ-2CLG20KV-3A Datasheet
519Kb / 2P
High Voltage Silicon Rectifier Assembly
2CLG3020 GETEDZ-2CLG3020 Datasheet
518Kb / 2P
High Voltage Silicon Rectifier Assembly
2CLG5020 GETEDZ-2CLG5020 Datasheet
517Kb / 2P
High Voltage Silicon Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com