Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2152FS Datasheet(PDF) 2 Page - LSI Computer Systems

Part # BU2152FS
Description  24bit serial/parallel converter IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BU2152FS Datasheet(HTML) 2 Page - LSI Computer Systems

  BU2152FS Datasheet HTML 1Page - LSI Computer Systems BU2152FS Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Circuit
Power supply voltage
VDD
2.7
5.5
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
Input voltage "High" level
Input voltage "Low" level
VIH
2.0
VDD–1.5
VDD–1.0
VDD–0.5
0.6
-—
1.5
1.0
0.5
V
V
V
V
V
V
V
V
VIL
VOH
VOL
Output voltage
"High" level
Output voltage
"Low" level
VDD=5.0V
VDD=5.0V
IOH=–25mA
IOH=–15mA
IOH=–10mA
IOL=25mA
IOL=15mA
IOL=10mA
Electrical characteristics (Unless otherwise noted: Ta=25˚C, VDD=2.7~5.5V)
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
MPU
VDD
VDD
DATA
CLK
STB
CLB
VDD
VSS
VSS
S0
S0
P1
P2
P24
P24
P23
P22
P23
P22
DATA
CLK
STB
CLB
VSS
BU2152FS
BU2152FS
P1
P2
C1
(Note)
(Note; Place a capacitor of C1 close to VDD pin as much as possible.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com