Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC16 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT24FC16
Description  16-kb I2C Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC16 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24FC16 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC16 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC16 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC16 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC16 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC16 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC16 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC16 Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC16 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT24FC16
9
Doc No. 1054, Rev. G
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24FC16JI-TE13 (SOIC, Industrial Temperature, 1.8 Volt to 5.5 Volt Operating Voltage, Tape & Reel)
Prefix
Device #
Suffix
24FC16
J
I
Product
Number
Package
CAT
Temperature Range
I = Indust ri
Optional
Company ID
E = Extended (-40
°C to +125°C)
P: PDIP
J: SOIC (JEDEC)
R: MSOP
U: TSSOP
RD4: TDFN
L: PDIP (Lead free, Halogen free)
W: SOIC (JEDEC), (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Z: MSOP (Lead free, Halogen free)
ZD4: TDFN (Lead free, Halogen free)
TE13
Tape & Reel
REV-F
Die Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com