Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7797EB Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD7797EB
Description  Sigma-Delta ADC for Bridge Sensors Low Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7797EB Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD7797EB Datasheet HTML 14Page - Analog Devices EVAL-AD7797EB Datasheet HTML 15Page - Analog Devices EVAL-AD7797EB Datasheet HTML 16Page - Analog Devices EVAL-AD7797EB Datasheet HTML 17Page - Analog Devices EVAL-AD7797EB Datasheet HTML 18Page - Analog Devices EVAL-AD7797EB Datasheet HTML 19Page - Analog Devices EVAL-AD7797EB Datasheet HTML 20Page - Analog Devices EVAL-AD7797EB Datasheet HTML 21Page - Analog Devices EVAL-AD7797EB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7796/AD7797
Data Sheet
Rev. B | Page 18 of 24
Single Conversion Mode
In single conversion mode, the AD7796/AD7797 are placed in
shutdown mode between conversions. When a single conver-
sion is initiated by setting MD2, MD1, and MD0 in the mode
register to 0, 0, and 1, respectively, the device powers up,
performs a single conversion, and then returns to shutdown
mode. The on-chip oscillator requires 1 ms to power-up. A
conversion requires a time period of 2 × tADC. DOUT/RDY goes
low to indicate the completion of a conversion. When the data-
word has been read from the data register, DOUT/RDY goes
high. If CS is low, DOUT/RDY remains high until another
conversion is initiated and completed. The data register can be
read several times, if required, even when DOUT/RDY has
gone high.
Continuous Conversion Mode
This is the default power-up mode. The AD7796/AD7797
continuously convert, and the RDY pin in the status register
goes low each time a conversion is complete. If CS is low, the
DOUT/RDY line also goes low when a conversion is complete.
To read a conversion, the user can write to the communication
register, indicating that the next operation is a read of the data
register. The digital conversion is placed on the DOUT/RDY
pin as soon as SCLK pulses are applied to the ADC. DOUT/RDY
returns high when the conversion is read. The user can read this
register additional times, if required. However, the user must
ensure that the data register is not being accessed at the completion
of the next conversion, or the new conversion word is lost.
0x58
DIN
0x08
0x200A
DATA
SCLK
DOUT/RDY
CS
Figure 14. Single Conversion
DIN
SCLK
DOUT/RDY
CS
0x58
0x58
DATA
DATA
Figure 15. Continuous Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com