Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJD41C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CJD41C
Description  COMPLEMENTARY SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CJD41C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CJD41C Datasheet HTML 1Page - Central Semiconductor Corp CJD41C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
6.0
A
Peak Collector Current
ICM
10
A
Base Current
IB
2.0
A
Power Dissipation
PD
20
W
Power Dissipation (TA=25°C)
PD
1.75
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
6.25
°C/W
Thermal Resistance
ΘJA
71.4
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=60V
50
µA
ICES
VCE=100V
10
µA
IEBO
VEB=5.0V
500
µA
BVCEO
IC=30mA
100
V
VCE(SAT)
IC=6.0A, IB=600mA
1.5
V
VBE(ON)
VCE=4.0V, IC=6.0A
2.0
V
hFE
VCE=4.0V, IC=300mA
30
hFE
VCE=4.0V, IC=3.0A
15
75
fT
VCE=10V, IC=500mA, f=1.0MHz
3.0
MHz
hfe
VCE=10V, IC=500mA, f=1.0kHz
20
CJD41C NPN
CJD42C PNP
COMPLEMENTARY SILICON
POWER TRANSISTOR
DPAK TRANSISTOR CASE
Central
Semiconductor Corp.
TM
R1 (26-September 2002)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CJD41C,
CJD42C types are Complementary Silicon Power
Transistors manufactured by the epitaxial base
process, mounted in a surface mount package
designed for power amplifier and high speed
switching applications.
MARKING CODE: FULL PART NUMBER


Similar Part No. - CJD41C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD41C CENTRAL-CJD41C Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD41C CENTRAL-CJD41C_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - CJD41C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD2955 CENTRAL-CJD2955 Datasheet
542Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
2N6726 CENTRAL-2N6726 Datasheet
63Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
13-Sep-2005
TIP41A STMICROELECTRONICS-TIP41A_05 Datasheet
205Kb / 10P
COMPLEMENTARY SILICON POWER TRANSISTOR
27-Oct-2005
logo
ON Semiconductor
D45C12 ONSEMI-D45C12 Datasheet
78Kb / 3P
Complementary Silicon Power Transistor
November, 2007 - Rev. 2
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
Complementary Silicon Power Transistor
logo
New Jersey Semi-Conduct...
2N6714 NJSEMI-2N6714 Datasheet
48Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com