Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM494CP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM494CP
Description  ADVANCED REGULATING PULSE WIDTH MODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM494CP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM494CP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM494CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM494CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM494CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM494CP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM494CP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM494CP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM494CP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM494CP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CM494
ADVANCED REGULATING PULSE WIDTH MODULATOR
2000/12/29
Preliminary
Champion Microelectronic Corporation
Page 3
ABSOULTE MAXIMUM RATINGS
Supply voltage, Vcc(Note 2)………………………… 45V
Amplifier input voltages……………………
Vcc + 0.3V
Collector output voltage……………………………
41V
Collector output current…………………………
250mA
Continuous total dissipation……………………
1000mW
@ (or below) 25℃ free air temperature range (Note 3)
Storage temperature range………………-65℃ to + 150℃
Lead temperature 1 / 16"(1.6mm) from case for 60 seconds,
J package…………………………………………300℃
Lead temperature 1 / 16"(1.6mm) from case for 10 seconds,
N package………………………………………
260℃
Note 1: Over operating free air temperature range unless
otherwise noted.
Note 2: All voltage values are with respect to network
ground terminal 3.
Note 3: Consult package section of data book regarding
thermal specification and limitation of package.
RECOMMENDED OPERATING CONDITION
Supply voltage Vcc……………………
7V to 40V
Error amplifier input voltages………-0.3 to Vcc-2V
Collector output voltage……………………… .40V
Collector output current (each transistor)…
200mA
Current into feedback terminal………………..0.3mA
Timing capacitor, CT…
0.47nF to 10,000nF
Timing resistor, RT………………..1.8kΩ to 500kΩ
Oscillator Frequency…………………1kHz to 300kHz
Operating free air temperature
UC494A, UC495A………………-55℃ to + 125℃
UC494AC, UC495AC……………….0℃ to +70℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com