Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM2030 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMM2030
Description  30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM2030 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMM2030 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM2030 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM2030 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM2030 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM2030-BD
Advanced Product Information - February 2003
(2 of 4)
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage
12 V
Gate Voltage
-5 V
Drain Current
375 mA
Continuous Power Dissipation
3.0 W
Channel Temperature
+175°C
Storage Temperature
-65°C to +175°C
Mounting Temperature
+320°C
Input Power
+23 dBm
Die Attach and Bonding Procedures
Die Attach: Eutectic die attach is recommended. For eutec-
tic die attach: Preform: AuSn (80% Au, 20% Sn); Stage
Temperature: 290°C, ±5°C; Handling Tool: Tweezers; Time: 1
min or less.
Wire Bonding: Wire Size: 0.7 to 1.0 mil in diameter (pre-
stressed); Thermocompression bonding is preferred over
thermosonic bonding.
For thermocompression bonding:
Stage Temperature: 250°C; Bond Tip Temperature: 150°C;
Bonding Tip Pressure: 18 to 40 gms depending on size of
wire.
Performance Optimization
Using the Gain-Ctl facility of the CMM2030-BD, out-
put power may be increased by application of 1.2 to 1.8 Volts
to the Bias Control pad. If the Gain-Ctl facility is not used, a
fixed voltage at the Bias Control pad can be implemented by
connecting a off-chip parallel resistor to the pad which will
lower the output voltage accordingly.
If Bias Control voltage is decreased further than those
lowest values given in the tables, both gain and output power
will start to drop.
Typical Performance
P1dB vs Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com