Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPT4403PNP Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPT4403PNP
Description  COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT4403PNP Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPT4403PNP Datasheet HTML 1Page - Central Semiconductor Corp CMPT4403PNP Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMPT4401 NPN
CMPT4403 PNP
COMPLEMENTARY
SILICON TRANSISTORS
R4 (26-September 2002)
LEAD CODE:
1) BASE
2) EMITTER
3) COLLECTOR
MARKING CODES:
CMPT4401: C2X
CMPT4403: C2T
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPT4401
CMPT4403
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
hFE
VCE=1.0V, IC=150mA
100
300
-
-
hFE
VCE=2.0V, IC=150mA
-
-
100
300
hFE
VCE=2.0V, IC=500mA
40
20
fT
VCE=10V, IC=20mA, f=100MHz
250
200
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
6.5
8.5
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
30
30
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
15
1.5
15
k
Ω
hre
VCE=10V, IC=1.0mA, f=1.0kHz
0.1
8.0
0.1
8.0
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
40
500
60
500
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
30
1.0
100
µmhos
td
VCC=30V, VBE=2.0, IC=150mA, IB1=15mA
15
15
ns
tr
VCC=30V, VBE=2.0, IC=150mA, IB1=15mA
20
20
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
225
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
30
30
ns
SOT-23 CASE - MECHANICAL OUTLINE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com