Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC541PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC541PW
Description  High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC541PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC541PW Datasheet HTML 2Page - Texas Instruments CD74HC541PW Datasheet HTML 3Page - Texas Instruments CD74HC541PW Datasheet HTML 4Page - Texas Instruments CD74HC541PW Datasheet HTML 5Page - Texas Instruments CD74HC541PW Datasheet HTML 6Page - Texas Instruments CD74HC541PW Datasheet HTML 7Page - Texas Instruments CD74HC541PW Datasheet HTML 8Page - Texas Instruments CD74HC541PW Datasheet HTML 9Page - Texas Instruments CD74HC541PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
Data to Outputs (540)
2
-
-
110
-
140
-
165
ns
4.5
-
-
22
-
28
-
33
ns
CL = 15pF
5
-
9
-
-
-
-
-
ns
CL = 50pF
6
-
-
19
-
24
-
28
ns
Data to Outputs (541)
tPLZ,tPHZ
CL = 50pF
2
-
-
115
-
145
-
175
ns
4.5
-
-
23
-
29
-
35
ns
CL = 15pF
5
-
9
-
-
-
-
-
ns
CL = 50pF
6
-
-
20
-
25
-
30
ns
Output Enable and Disable
to Outputs (540)
tPLZ,tPHZ
CL = 50pF
2
-
-
160
-
200
-
240
ns
4.5
-
-
32
-
40
-
48
ns
CL = 15pF
5
-
13
-
-
-
-
-
ns
CL = 50pF
6
-
-
27
-
34
-
41
ns
Output Enable and Disable
to Outputs (541)
tPLZ,tPHZ
CL = 50pF
2
-
-
160
-
200
-
240
ns
4.5
-
-
32
-
40
-
48
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
23
-
29
-
35
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
60
-
75
-
90
ns
4.5
-
-
12
-
15
-
18
ns
6
-
-
10
-
13
-
15
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
20
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 3, 4) (540)
CPD
CL = 15pF
5
-
50
-
-
-
-
-
pF
Power Dissipation Capacitance
(Notes 3, 4) (541)
CPD
CL = 15pF
5
-
48
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
tPHL, tPLH
Data to Outputs (540)
CL = 50pF
4.5
-
-
24
-
30
-
36
ns
CL = 15pF
5
-
9
-
-
-
-
-
ns
Data to Outputs (541)
tPHL, tPLH
CL = 50pF
4.5
-
-
28
-
35
-
42
ns
CL = 15pF
5
-
11
-
-
-
-
-
ns
Output Enable and Disable
to Outputs (540, 541)
tPLZ,tPHZ
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
12
-
15
-
18
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
CD54/74HC540, CD74HCT540, CD54/74HC541, CD54/74HCT541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com