Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3383 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3383
Description  3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3383 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3383 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3383 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3383 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3383 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3383 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8580
10/18/01
Product Description
Pericom Semiconductor’s PI3B series of logic circuits are produced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI3B3383 is a 5-bit, 4-port bus switch with exchange designed
with a low ON resistance allowing inputs to be connected directly
to outputs. The bus switch creates no additional propagational
delay or additional ground bounce noise. The switches are turned
ON by the Bus Enable (BE) input signal, and the Bus Exchange (BX)
input signal offers nibble swapping of the AB and CD pairs of
signals. This exchange configuration allows byte swapping of buses
in systems. It can also be used as a quad 2-to-1 multiplexer and to
create low delay barrel shifters, etc.
Product Pin Description
Pin Name
Description
BE
Bus Enable Input (Active LOW)
BX
Bus Exchange Input
Ax
Bus A
Bx
Bus B
Cx
Bus C
Dx
Bus D
GND
Ground
VCC
Power
Logic Block Diagram
Function
BE
BX
A0-A4
B0-B4
Disconnect
H
X
Hi-Z
Hi-Z
Connect
L
L
C0-C4
D0-D4
Exchange
L
H
D0-D4
C0-C4
Truth Table(1)
Note:
1. H
= High Voltage Level
X
= Don’t Care
L
= Low Voltage Level
Hi-Z = High Impedance
Product Features
• Near-zero propagation delay
•5
Ω switches connect inputs to outputs
•
Direct bus connection when switches are ON
•
Ultra-low quiescent power (0.1µA typical)
– Ideally suited for notebook applications
• Packages available:
– 24-pin 173-mil wide plastic TSSOP (L)
– 24-pin 150-mil wide plastic QSOP (Q)
BE
BX
B4
A4
D4
C4
B0
A0
D0
C0
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BE
C0
A0
B0
D0
C1
A1
B1
D1
C2
A2
GND
Vcc
D4
B4
A4
C4
D3
B3
A3
C3
D2
B2
BX
24-Pin
L, Q, S
ProductPinConfiguration
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B3383
3.3V, 5-Bit, 4-Port Bus
Exchange NanoSwitch
TM


Similar Part No. - PI3B3383

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384L PERICOM-PI3B3384L Datasheet
176Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384LE PERICOM-PI3B3384LE Datasheet
176Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384Q PERICOM-PI3B3384Q Datasheet
176Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384QE PERICOM-PI3B3384QE Datasheet
176Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
More results

Similar Description - PI3B3383

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI5C3383 PERICOM-PI5C3383 Datasheet
399Kb / 5P
5-Bit, 4-Port Bus Exchange Switch
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400 Datasheet
96Kb / 8P
4-Bit, 4-Port Bus Exchange Switch
January, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
4-Bit, 4-Port Bus Exchange Switch
PI3B16212 PERICOM-PI3B16212 Datasheet
198Kb / 4P
3.3V, 24-Bit Bus Exchange Switch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16244 PERICOM-PI3B16244 Datasheet
150Kb / 5P
3.3V, 17-Bit, 4-Port NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com