Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B16248 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B16248
Description  3.3V, 24-Bit to 48-BitMux/DeMux NanoSwitch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16248 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B16248 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16248 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16248 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16248 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8172E
09/10/04
Features
• Near-Zero propagation delay
• RON is 5Ω typical at 3.3V
• Fast switching speed: 4.5ns (max.)
• VCC operating range: 3.0V to 3.6V
• 500Ω pulldown to the unconnected B port
• Industrial operating temperature: –40°C to +85°C
• Make-before-break action
• Packaging (Pb-free & Green):
– 80-pin BQSOP (B)
Description
Pericom Semiconductor’s PI3B16248 is a 3.3V, 24-bit to 48-bit
Mux/DeMux Bus Switch designed with a low On-Resistance
allowing inputs to be connected directly to outputs.
PI3B16248
Block Diagram
Truth Table(1)
Function
S2/S1
A
A to 1B
L
1B
A to 2B
H
2B
Note:
1.
H = High Voltage Level, L = Low Voltage Level
3.3V, 24-Bit to 48-Bit
Mux/DeMux NanoSwitch™
A1
1B1
2B1
500Ω
A12
S1
1B12
2B12
500Ω
A13
1B13
2B13
500Ω
A24
S2
1B24
2B24
500Ω
B
A
S
SW


Similar Part No. - PI3B16248

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16244 PERICOM-PI3B16244 Datasheet
150Kb / 5P
3.3V, 17-Bit, 4-Port NanoSwitch
PI3B16244A PERICOM-PI3B16244A Datasheet
150Kb / 5P
3.3V, 17-Bit, 4-Port NanoSwitch
PI3B16244AE PERICOM-PI3B16244AE Datasheet
150Kb / 5P
3.3V, 17-Bit, 4-Port NanoSwitch
PI3B16244V PERICOM-PI3B16244V Datasheet
150Kb / 5P
3.3V, 17-Bit, 4-Port NanoSwitch
PI3B16244VE PERICOM-PI3B16244VE Datasheet
150Kb / 5P
3.3V, 17-Bit, 4-Port NanoSwitch
More results

Similar Description - PI3B16248

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32160 PERICOM-PI3B32160 Datasheet
185Kb / 4P
3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B16226 PERICOM-PI3B16226 Datasheet
186Kb / 3P
3.3V, Low Capacitance 12-Bit to 24-Bit Mux/DeMux NanoSwitch
PI3B4010 PERICOM-PI3B4010 Datasheet
219Kb / 6P
3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com