Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP05AC220S12W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP05AC220S12W
Description  5W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05AC220S12W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP05AC220S12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05AC220S12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05AC220S12W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP05AC Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 / 3
MODEL SELECTION
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
industrial-class
-40
+70
℃
Maximum case temperature
industrial-class
+95
℃
Storage temperature
Industry-class
-40
+85
℃
Relative humidity
No condensation
85
RH(%)
Temperature coefficient
±0.02
%/℃
Power derating
+55 ~+70
℃
℃
2.0
%/
℃
Power derating
+0 ~
℃ -25℃
2.0
%/
℃
MTBF
MIL-HDBK-217F@25℃>300,000 h
MECHANICAL DIMENSIONS
Pin
Single Output
1
N
2
L
3
+V0
4
-V0
* Pin not fitted on single output variants
Units:mm
Tolerance:±0.2mm
Case temperature shall not exceed the maximum case temperature.
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com