Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPC912C Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPC912C
Description  COP912C/COP912CH 8-Bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPC912C Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button COPC912C Datasheet HTML 16Page - National Semiconductor (TI) COPC912C Datasheet HTML 17Page - National Semiconductor (TI) COPC912C Datasheet HTML 18Page - National Semiconductor (TI) COPC912C Datasheet HTML 19Page - National Semiconductor (TI) COPC912C Datasheet HTML 20Page - National Semiconductor (TI) COPC912C Datasheet HTML 21Page - National Semiconductor (TI) COPC912C Datasheet HTML 22Page - National Semiconductor (TI) COPC912C Datasheet HTML 23Page - National Semiconductor (TI) COPC912C Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Development Support (Continued)
OTP Emulator Ordering Information
Device
Clock
Package
Emulates
Number
Option
COP8782CN
Programmable
20 N
COP912C
COP912CH
COP8782CWM
Programmable
20 SO
COP912C
COP912CH
INDUSTRY WIDE OTPEPROM PROGRAMMING
SUPPORT
Programming support in addition to the MetaLink develop-
ment tools is provided by a full range of independent ap-
proved vendors to meet the needs from the engineering
laboratory to full production
AVAILABLE LITERATURE
For more information please see the COP8 Basic Family
User’s Manual Literature Number 620895 COP8 Feature
Family User’s Manual Literature Number 620897 and Na-
tional’s Family of 8-bit Microcontrollers COP8 Selection
Guide Literature Number 630009
DIAL-A-HELPER SERVICE
Dial-A-Helper is a service provided by the Microcontroller
Applications group The Dial-A-Helper is an Electronic Infor-
mation System that may be accessed as a Bulletin Board
System (BBS) via data modem as an FTP site on the Inter-
net via standard FTP client application or as an FTP site on
the Internet using a standard Internet browser such as Net-
scape or Mosaic
The Dial-A-Helper system provides access to an automated
information storage and retrieval system The system capa-
bilities include a MESSAGE SECTION (electronic mail
when accessed as a BBS) for communications to and from
the Microcontroller Applications Group and a FILE SEC-
TION which consists of several file areas where valuable
application software and utilities could be found
DIAL-A-HELPER BBS via a Standard Modem
Modem CANADAUS
(800) NSC-MICRO
(800) 672-6427
EUROPE
(a49) 0-8141-351332
Baud
144k
Set-up
Length
8-Bit
Parity
None
Stop Bit 1
Operation
24 Hours 7 Days
DIAL-A-HELPER via FTP
ftp nscmicronsccom
user
anonymous
password
username yourhostsitedomain
DIAL-A-HELPER via a WorldWide Web Browser
ftpnscmicronsccom
National Semiconductor on the WorldWide Web
See us on the WorldWide Web at httpwwwnationalcom
CUSTOMER RESPONSE CENTER
Complete product information and technical support is avail-
able from National’s customer response centers
CANADAUS
Tel
(800) 272-9959
email
support
tevm2nsccom
EUROPE
email
europesupport nsccom
Deutsch Tel
a
49 (0) 180-530 85 85
English Tel
a
49 (0) 180-532 78 32
Fran ais Tel
a
49 (0) 180-532 93 58
Italiano Tel
a
49 (0) 180-534 16 80
JAPAN
Tel
a
81-043-299-2309
SE ASIA
Beijing Tel
(a86) 10-6856-8601
Shanghai Tel
(a86) 21-6415-4092
Hong Kong Tel (a852) 2737-1600
Korea Tel
(a82) 2-3771-6909
Malaysia Tel
(a60-4) 644-9061
Singapore Tel
(a65) 255-2226
Taiwan Tel
a
886-2-521-3288
AUSTRALIA
Tel
(a61) 3-9558-9999
INDIA
Tel
(a91) 80-559-9467
http
www nationalcom
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com