Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL905P50 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # VL905P50
Description  IR Pulse Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

VL905P50 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  VL905P50 Datasheet HTML 1Page - Roithner LaserTechnik GmbH VL905P50 Datasheet HTML 2Page - Roithner LaserTechnik GmbH VL905P50 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
VL905P50
Description
VL905P50 is a IR 905 nm single emitter pulse laser diode in 5 mm epoxy package with output
power of 50 W at 100 ns pulse width and 0.05 % duty cycle. It is ideally suited for range finding
applications. Based on a compact epoxy package and capable of exceeding 10000 hours of life
time, it provides a very cost effective solution.
Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Max.
Peak power
PP
65
W
Peak forward current
IP
40
A
Puls width
tp
200
ns
Duty cycle
d.c.
0.1
%
Reverse Voltage
VR
3
V
Operating temperature
TCASE
- 40
+85
°C
Storage temperature
TSTG
- 40
+100
°C
Soldering temperature
TS
260
°C
Laser Characteristics (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak output power
PO
45
50
65
W
Threshold current
Ith
0.5
0.75
1
A
Emission wavelength
λ
895
905
915
nm
Spectral Width (FWHM)
∆
λ
7
nm
Beam Divergence (FWHM)
ӨII x Ө┴
11x25
deg
Puls Width
Tw
100
ns
Duty Cycle*
D
0.05
%
Peak Current
Ip
30
A
Wavelength Temp. Coefficient
0.28
nm/°C
*Standard operating conditions: 100 ns, 5 kHz, 25A
Safety Advice
Caution: Depending on the mode of operation, this laser diode does emit highly concentrated
infrared light which can be extremely hazardous to the human eye and skin. Products which
do incorporate this laser diode must comply with safety precautions following IEC 60825-1
v 2.0 12.01.2016


Similar Part No. - VL905P50

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
VL905P75 ROCHESTER-VL905P75 Datasheet
445Kb / 2P
WIEDNER HAUPSTRASSE 76
logo
Roithner LaserTechnik G...
VL905P75 ROITHNER-VL905P75 Datasheet
665Kb / 3P
single emitter
More results

Similar Description - VL905P50

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
IR diode laser module
APCD-780-07-C2 ROITHNER-APCD-780-07-C2 Datasheet
132Kb / 2P
IR diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
IR diode laser module
APCD-850-07-C3 ROITHNER-APCD-850-07-C3 Datasheet
132Kb / 2P
IR diode laser module
LM-102-H130 ROITHNER-LM-102-H130 Datasheet
114Kb / 2P
IR Diode Laser Module
LM-104-E002 ROITHNER-LM-104-E002 Datasheet
114Kb / 2P
IR Diode Laser Module
LM-104-E130 ROITHNER-LM-104-E130 Datasheet
114Kb / 2P
IR Diode Laser Module
LM-106-G130 ROITHNER-LM-106-G130 Datasheet
114Kb / 2P
IR Diode Laser Module
SPL850-10-5-PD ROITHNER-SPL850-10-5-PD Datasheet
274Kb / 2P
IR Pigtailed Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com