Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE312 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE312
Description  TECHNICAL DATA SHEET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE312 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE312 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Cable
Cable Type
160 Series
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter
0.163 in [4.14 mm]
Connector 1
Type
SMA Male
Connector 1 Specification
MIL-STD-348
Configuration
Straight
Mating Cycles
500
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 in.
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Gold
Dielectric Type
PTFE
Connector 2
Type
SMA Male
Configuration
Straight
Mating Cycles
500
Inner Conductor Material and Plating
Gold
Outer Conductor Material and Plating
Gold
Body Material and Plating
Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/20/2011
PE312 REV
PE312
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to QD SMA Male Precision Cable Using 160 Series Coax PE312
SMA Male to QD SMA Male Precision
Cable Using 160 Series Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com