Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8906 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8906
Description  AM/FM Digital Phase-Locked Loop Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8906 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS8906 Datasheet HTML 1Page - National Semiconductor (TI) DS8906 Datasheet HTML 2Page - National Semiconductor (TI) DS8906 Datasheet HTML 3Page - National Semiconductor (TI) DS8906 Datasheet HTML 4Page - National Semiconductor (TI) DS8906 Datasheet HTML 5Page - National Semiconductor (TI) DS8906 Datasheet HTML 6Page - National Semiconductor (TI) DS8906 Datasheet HTML 7Page - National Semiconductor (TI) DS8906 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Applications Information
SERIAL DATA ENTRY INTO THE DS8906
Serial information entry into the DS8906 is enabled by a low
level on the ENABLE input One binary bit is then accepted
from the DATA input with each positive transition of the
CLOCK input The CLOCK input must be low for the speci-
fied time preceding and following the negative transition of
the ENABLE input
The first 2 bits accepted following the negative transition of
the ENABLE input are interpreted as address If these ad-
dress bits are
not 11 no further information will be accept-
ed from the DATA inputs and the internal data latches
will
not be changed when ENABLE returns high
If these first 2 bits
are 11 then all succeeding bits are ac-
cepted as data and are shifted successively into the inter-
nal shift register as long as ENABLE remains low
Any
data bits preceding the 20th to last bit will be shifted
out and are thus irrelevant Data bits are counted as any
bits following 2 valid (11) address bits with the ENABLE
low
When the ENABLE input returns high any further serial data
input is inhibited
Upon this positive transition of the
ENABLE the data in the internal shift register is transferred
into the internal data latches
Note that until this time the states of the internal data latch-
es have remained unchanged
These data bits are interpreted as follows
DATA BIT POSITION
DATA INTERPRETATION
Last
Bit 20 Output (Pin 2)
2nd to Last
Bit 19 Output (Pin 1)
3rd to Last
Bit 18 Output (FMAM) (Pin 20)
4th to Last
Bit 17 Output (Pin 19)
5th to Last
Bit 16 Output (Pin 18)
6th to Last
Bit 15 Output (Pin 17)
7th to Last
MSB of N
(213)
8th to Last
(212)
9th to Last
(211)
10th to Last
(210)
11th to Last
(29)
12th to Last
(28)
13th to Last
d
N
(27)
14th to Last
(26)
15th to Last
(25)
16th to Last
(24)
17th to Last
(23)
18th to Last
(22)
19th to Last
(21)
20th to Last
LSB of N
(20)
-
Note
The actual divide code is Na1 ie the number loaded plus 1
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com