Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE356 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE356
Description  SMA Female to N Male Cable Using PE-P141 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE356 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE356 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE356 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE356 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE356 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
SMA Female to N Male Cable Using PE-P141 Coax, RoHS from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to N Male Cable Using PE-P141 Coax, RoHS PE356
URL: http://www.pasternack.com/sma-female-n-male-pe-p141-cable-assembly-pe356-p.aspx
PE356 REV 1.0
PE356
SMA Female to N Male Cable Using PE-P141 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com