Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7277ARMZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7277ARMZ
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7277ARMZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7277ARMZ Datasheet HTML 20Page - Analog Devices AD7277ARMZ Datasheet HTML 21Page - Analog Devices AD7277ARMZ Datasheet HTML 22Page - Analog Devices AD7277ARMZ Datasheet HTML 23Page - Analog Devices AD7277ARMZ Datasheet HTML 24Page - Analog Devices AD7277ARMZ Datasheet HTML 25Page - Analog Devices AD7277ARMZ Datasheet HTML 26Page - Analog Devices AD7277ARMZ Datasheet HTML 27Page - Analog Devices AD7277ARMZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
AD7276/AD7277/AD7278
Rev. D | Page 27 of 28
ORDERING GUIDE
Model1, 2
Notes
Temperature
Range
Linearity
Error (LSB)3
Package Description
Package
Option
Branding
AD7276BRM
−40°C to +125°C
±1 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C1W
AD7276BRMZ
−40°C to +125°C
±1 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C30
AD7276BRMZ-REEL
−40°C to +125°C
±1 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C30
AD7276BUJZ-REEL7
−40°C to +125°C
±1 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C30
AD7276BUJZ-500RL7
−40°C to +125°C
±1 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C30
AD7276YUJZ-500RL7
−40°C to +125°C
±1 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C4W
AD7276YUJZ-REEL7
−40°C to +125°C
±1 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C4W
AD7276ARMZ
−40°C to +125°C
±1.5 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C6S
AD7276ARMZ-REEL
−40°C to +125°C
±1.5 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C6S
AD7276AUJZ-500RL7
−40°C to +125°C
±1.5 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C6S
AD7276AUJZ-REEL7
−40°C to +125°C
±1.5 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C6S
AD7277BRMZ
−40°C to +125°C
±0.5 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C31
AD7277BRMZ-REEL
−40°C to +125°C
±0.5 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C31
AD7277BUJZ-500RL7
−40°C to +125°C
±0.5 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C31
AD7277BUJZ-REEL7
−40°C to +125°C
±0.5 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C31
AD7277ARMZ
−40°C to +125°C
±0.5 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C6T
AD7277ARMZ-RL
−40°C to +125°C
±0.5 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C6T
AD7277AUJZ-500RL7
−40°C to +125°C
±0.5 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C6T
AD7278BRMZ
−40°C to +125°C
±0.3 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C32
AD7278BRMZ-REEL
−40°C to +125°C
±0.3 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C32
AD7278BUJZ-500RL7
−40°C to +125°C
±0.3 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C32
AD7278BUJZ-REEL7
−40°C to +125°C
±0.3 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C32
AD7278ARMZ
−40°C to +125°C
±0.3 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C6U
AD7278ARMZ-RL
−40°C to +125°C
±0.3 max
8-Lead Mini Small Outline Package (MSOP)
RM-8
C6U
AD7278AUJZ-500RL7
−40°C to +125°C
±0.3 max
6-Lead Thin Small Outline Transistor Package
(TSOT)
UJ-6
C6U
EVAL-AD7276SDZ
Evaluation Board
EVAL-CONTROL BRD2
Control Board
1 Z = RoHS Compliant Part.
2 For Y grade devices, f
SAMPLE = 1 MSPS.
3 Linearity error refers to integral nonlinearity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com