Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL652 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # GL652
Description  USB 7 PORT HUB CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL652 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button GL652 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL652 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
A
A
B
B
C
C
D
D
E
E
4
4
3
3
2
2
1
1
USBHUB.DSN
1.2
CIRCUIT FOR GENESYS 7-PORT USB HUB
B
3
4
Thursday, August 17, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
VCP
B_VCC
DM0
DP0
DP4
VOUT4
DM5
DP5
DM6
DP6
DM7
DP7
DM3
DP3
DM2
DP2
DM1
DP1
VOUT5
VOUT6
VOUT7
VOUT1
VOUT2
VOUT3
DM4
R42 22
J8
USB-A
1
2
3
4
R44 22
C23
0.1U
L13
FB
+
C34
120U
R62
15K
R58 22
L2
FB
C32
0.1U
R60 22
R63
15K
L15
FB
C36
0.1U
J3
USB-B
1
2
3
4
J7
USB-A
1
2
3
4
L10
FB
J9
USB-A
1
2
3
4
+
C31
120U
L14
FB
R56
15K
C37
0.1U
+
C35
120U
R51 22
R64
15K
R53 22
J5
USB-A
1
2
3
4
R59 22
L6
FB
R57
15K
R61 22
+
C27
120U
L12
FB
R48
15K
R65
15K
R43 22
L16
FB
R45 22
J6
USB-A
1
2
3
4
R49
15K
L9
FB
L8
FB
+
C30
120U
R54
15K
R50 22
R52 22
J2
USB-A
1
2
3
4
L1
FB
R55
15K
+
C22
120U
L11
FB
R40
15K
L4
FB
R36 22
R37 22
R41
15K
R35
1.5K
L3
FB
C29
0.1U
J4
USB-A
1
2
3
4
C24
47P
L5
FB
C28
0.1U
C21
10U
R38 22
+
C26
120U
R39 22
C25
47P
L7
FB
R46
15K
C33
0.1U
R47
15K
9. Application Circuits (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com