Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF52G Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SF52G
Description  5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SF52G Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SF52G Datasheet HTML 1Page - PACELEADER INDUSTRIAL SF52G Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
Features
Glass Passivated Chip
Low Forward Voltage
High Current Capability
High reliability
Super Fast Switching Speed
High Surge Current Capability
Moisture Sensitivity Level 1
RoHS product for packing code suffix “G”
Halogen free product for packing code suffix “H”
Mechanical Date
Case: Molded Plastic, DO-201AD
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.046 ounce, 1.18 gram (Approximate)
DO-201AD
.
.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOLS SF51G
SF52G
SF53G
SF54G
SF55G
SF56G
SF58G
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward rectifier Current
0.375” (9.5mm) Lead length at Ta = 55
℃
IF(AV)
5.0
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
150
Amps
Maximum Instantaneous Forward Voltage at 5.0A DC
VF
0.95
1.27
1.75
Volts
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@ Ta=25
℃
IR
5.0
μA
@ Ta=100
℃
100
Maximum Reverse Recovery Time (Note 1)
TRR
35
ns
Typical Thermal Resistance (Note 3)
RθJA
50
℃/W
RθJL
20
Typical Junction Capacitance(Note 2)
CJ
50
30
pF
Operating and Storage Temperature Range
TJ ,TSTG
-55 ~ 150
℃
Notes:
1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0VDC.
3. Typical Thermal Resistance: At 9.5mm lead lengths, PCB mounted.
.220(5.60)
.197(5.00)
.052(1.30)
.048(1.20)
.375(9.50)
.335(8.50)
DIA.
DIA.
1
SF51G THRU SF58G
www.paceleader.tw


Similar Part No. - SF52G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF52G MCC-SF52G Datasheet
120Kb / 1P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
MIC GROUP RECTIFIERS
SF52G MIC-SF52G Datasheet
54Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF52G CHONGQING-SF52G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
SF52G SECOS-SF52G Datasheet
161Kb / 2P
5 A, Glass Passivated Super Fast Rectifiers
logo
Micro Commercial Compon...
SF52G MCC-SF52G Datasheet
377Kb / 2P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
More results

Similar Description - SF52G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAD501G TSC-SFAD501G Datasheet
58Kb / 2P
5.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
WILLAS ELECTRONIC CORP
SF11G WILLAS-SF11G Datasheet
419Kb / 2P
1.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF21G WILLAS-SF21G Datasheet
376Kb / 2P
2.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF31G WILLAS-SF31G Datasheet
276Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF51G WILLAS-SF51G Datasheet
332Kb / 2P
5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
FM301 WILLAS-FM301 Datasheet
307Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~1000Volts
FM301B WILLAS-FM301B Datasheet
319Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~1000Volts
logo
Goodwork Semiconductor ...
SF51G GWSEMI-SF51G Datasheet
72Kb / 2P
5.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
PACELEADER INDUSTRIAL
SF21G PACELEADER-SF21G Datasheet
632Kb / 2P
2.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
SF31G PACELEADER-SF31G Datasheet
550Kb / 2P
3.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com