Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE343 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE343
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE343 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE343 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE343 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE343 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE343 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE343LF. Contact Pasternack if product cannot be found.
REACH Compliant
07/19/2006
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
How to Order
Part Number Configuration:
PE343
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE343-12 = 12 inches long cable
PE343-100cm = 100 cm long cable
N Male to N Male Cable Using PE-P142LL Coax from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using PE-P142LL Coax PE343
URL: http://www.pasternack.com/n-male-n-male-pe-p142ll-cable-assembly-pe343-p.aspx
PE343 REV 1.2
RF Cable Assemblies Technical Data Sheet
N Male to N Male Cable Using PE-P142LL Coax
PE343



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com