Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA12237F Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA12237F
Description  Audio Signal Processor for Cassette Deck
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12237F Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA12237F Datasheet HTML 4Page - Renesas Technology Corp HA12237F Datasheet HTML 5Page - Renesas Technology Corp HA12237F Datasheet HTML 6Page - Renesas Technology Corp HA12237F Datasheet HTML 7Page - Renesas Technology Corp HA12237F Datasheet HTML 8Page - Renesas Technology Corp HA12237F Datasheet HTML 9Page - Renesas Technology Corp HA12237F Datasheet HTML 10Page - Renesas Technology Corp HA12237F Datasheet HTML 11Page - Renesas Technology Corp HA12237F Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
HA12237F
Rev.1.00 Jun 15, 2005 page 8 of 32
ALC (Automatic Level Control)
ALC is the input decay rate variable system. It has internal variable resistors of pin 8 (pin 23) by REC signal that is
inputted to pin 7 (pin 24).
Pin 17 is detector pin.
The signal input pin is pin 7 (pin 24). Resistor R1, R2 and capacitor C2, external components, for the input circuit are
commended as figure 4. There are requested to use value of the block diagram figure for performance maintenance of
S/N, T.H.D. etc.
Figure 5 shows the relation with R1 and C1 front input point and RECOUT.
ALC operation level acts for the center of +4.5 dB to standard level (453 mVrms).
Then, adopted maximum value circuit, ALC is operated by a large channel of signal.
ALC ON/OFF can switch it by pin 11. Please do ALC ON, after it does for one time ALC OFF inevitably, for ALC
time to start usefully, in order to reset ALC circuit.
453 mV
4.5 dB
Figure 5 ALC Operation Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com