Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16142FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA16142FP
Description  PFC and PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16142FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA16142FP Datasheet HTML 1Page - Renesas Technology Corp HA16142FP Datasheet HTML 2Page - Renesas Technology Corp HA16142FP Datasheet HTML 3Page - Renesas Technology Corp HA16142FP Datasheet HTML 4Page - Renesas Technology Corp HA16142FP Datasheet HTML 5Page - Renesas Technology Corp HA16142FP Datasheet HTML 6Page - Renesas Technology Corp HA16142FP Datasheet HTML 7Page - Renesas Technology Corp HA16142FP Datasheet HTML 8Page - Renesas Technology Corp HA16142FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HA16141P/FP, HA16142P/FP
Rev.4, Sep. 2001, page 2 of 2
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
PWM-CS
PWM-EO
O.C
PFC-EO
TIM
PFC-FB
IAC
PFC-ON
16
15
14
13
12
11
10
9
GND
PWM-OUT
PFC-OUT
VCC
VREF
2/
CAO
PFC-CS
Pin Description
Pin No.
Symbol
Function
1
GND
Ground
2
PWM-OUT
Power MOS FET driver output (PWM control)
3
PFC-OUT
Power MOS FET driver output (PFC control)
4
VCC
Supply voltage
5
VREF
Reference voltage
6
PG
Power Good signal output (open-drain output)
7
CAO
Average current control error amp. output
8
PFC-CS
PFC control current sense signal input
9
PFC-ON
PFC function on/off signal input
10
IAC
Multiplier reference current input
11
PFC-FB
PFC control error amp. input
12
TIM
Overcurrent timer time setting
13
PFC-EO
PFC control error amp. output
14
O.C
Overcurrent detector signal input
PWM control error amp. output (photocoupler input also possible) (HA16141 only)
15
PWM-EO
PWM control feedback voltage signal input (HA16142 only)
16
PWM-CS
PWM control current sense signal input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com