Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC46B-E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # 93LC46B-E/P
Description  1K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC46B-E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button 93LC46B-E/P Datasheet HTML 8Page - Microchip Technology 93LC46B-E/P Datasheet HTML 9Page - Microchip Technology 93LC46B-E/P Datasheet HTML 10Page - Microchip Technology 93LC46B-E/P Datasheet HTML 11Page - Microchip Technology 93LC46B-E/P Datasheet HTML 12Page - Microchip Technology 93LC46B-E/P Datasheet HTML 13Page - Microchip Technology 93LC46B-E/P Datasheet HTML 14Page - Microchip Technology 93LC46B-E/P Datasheet HTML 15Page - Microchip Technology 93LC46B-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
DS21749D-page 12
 2003 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Part number
T
Temperature
Blank
Commercial
I
Industrial
E
Extended
YY
Year code (last 2 digits of calendar year) except TSSOP
and MSOP which use only the last 1 digit
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
Custom marking available.
Example:
6-Lead SOT-23
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
3L46BI
2281L7
XXNN
1EL7
XXXXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXX
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/SN 1L7
93LC46B
0228
Example:
Example:
I/SN 0228
93LC46B
1L7
1L7
L46B
I228
Example:
MSOP 1st Line Marking Codes
Device
93AA46A
93AA46B
93AA46C
93LC46A
93LC46B
93LC46C
93C46A
93C46B
93C46C
std mark
3A46AT
3A46BT
3A46CT
3L46AT
3L46BT
3L46CT
3C46AT
3C46BT
3C46CT
Pb-free
mark
GA46AT
GA46BT
GA46CT
GL46AT
GL46BT
GL46CT
GC46AT
GC46BT
GC46CT
T = blank for commercial, “I” for Industrial,
“E” for Extended.
TSSOP 1st Line Marking Codes
Device
93AA46A
93AA46B
93AA46C
93LC46A
93LC46B
93LC46C
93C46A
93C46B
93C46C
std mark
A46A
A46B
A46C
L46A
L46B
L46C
C46A
C46B
C46C
Pb-free
mark
GAAA
GAAB
GAAC
GLAA
GLAB
GLAC
GCAA
GCAB
GCAC
Temperature grade is marked on line 2.
SOT23 Marking Codes
Device
93AA46A
93AA46B
93LC46A
93LC46B
93C46A
93C46B
I-temp
1BNN
1LNN
1ENN
1PNN
1HNN
1TNN
E-temp
–
–
1FNN
1RNN
1JNN
1UNN
Pb-free topside mark is same; Pb-free
noted only on carton label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com