Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4093 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4093
Description  MHV Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4093 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4093 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4093 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4093 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• MHV Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG303, RG141, PE-C195, PE-P195, LMR-
195, 0.195 inch Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 300 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4093 MHV male connector with crimp/solder attachment for RG58, RG303, RG141, PE-C195, PE-P195,
LMR-195 and 0.195 inch is part of our full line of RF components available for same-day shipping. Our MHV male connector
operates up to a maximum frequency of 300 MHz and offers good VSWR of 1.3:1.
Our MHV male connector PE4093 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
300
MHz
VSWR
1.3:1
Operating Voltage (AC)
1,400
Vrms
.
Mechanical Specifications
Size
Length
1.508 in [38.3 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.038 lbs [17.24 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-
P195, LMR-195, 0.195 inch PE4093
PE4093 REV 1.2
MHV Male Connector Crimp/Solder Attachment for RG58,
RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch
RF Connectors Technical Data Sheet
PE4093


Similar Part No. - PE4093

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4093 PASTERNACK-PE4093 Datasheet
251Kb / 2P
MHV Male Connector Crimp/Solder Attachment For RG58
More results

Similar Description - PE4093

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
153Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PE4933 PASTERNACK-PE4933 Datasheet
305Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4093 PASTERNACK-PE4093 Datasheet
251Kb / 2P
MHV Male Connector Crimp/Solder Attachment For RG58
PE44102 PASTERNACK-PE44102 Datasheet
212Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG58
PE4350 PASTERNACK-PE4350 Datasheet
244Kb / 2P
MHV Male Connector Crimp - Solder Attachment For RG214, RG9
PE4075 PASTERNACK-PE4075_17 Datasheet
363Kb / 3P
MHV Male Connector Crimp/Solder Attachment
PE4076 PASTERNACK-PE4076_16 Datasheet
397Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4098 PASTERNACK-PE4098_16 Datasheet
405Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4299 PASTERNACK-PE4299 Datasheet
320Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4350 PASTERNACK-PE4350_16 Datasheet
354Kb / 3P
MHV Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com