Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M99E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82M99E
Description  USB Mouse Encoder 8-Bit OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82M99E Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 23Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 24Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
HT82M99E
Rev. 1.50
21
November 19, 2004
· Port-B Control (15H) - PBC
This port configures the input or output mode of Port-B for I/O mode
USB/PS2 Status and Control Register USC (Address 0X1A)
Register Bits
Labels
Read/Write
Option
Functions
USC
(0X1A)
0
PE0
R
SUSPEND
USB suspend mode status bit. When 1, indicates that
the USB system entry is in suspend mode.
1
PE1
W
RMOT_WK USB remote wake-up signal. Default value is 0.
2
PE2
R/W
URST_FLAG USB bus reset event flag. Default value is 0.
3
PE3
R
RESUME_O
When RESUME_OUT EVENT, RESUME_O is set to 1.
Default value is 0.
4
PE4
R
PS2_DAI
USBD-/DATA input
5
PE5
R
PS2_CKI
USBD+/CLK input
6
PE6
W
PS2_DAO
Output for driving USBD-/DATA pin, when working un-
der 3D PS2 mouse function. Default value is 1.
7
PE7
W
PS2_CKO
Output for driving USBD-/DATA pin, when working un-
der 3D PS2 mouse function. Default value is 1.
Endpoint Interrupt Status Register USR (Address 0X1B)
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is accessed and to select
the serial bus (PS2 or USB). The endpoint request flags (EP0IF, EP1IF) are used to indicate which endpoints are ac-
cessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and a USB interrupt will occur (If a
USB interrupt is enabled and the stack is not full). When the active endpoint request flag is served, the endpoint request
flag has to be cleared to
²0².
Register Bits
Labels
Read/Write
Option
Functions
USR
(0X1B)
0
PEC0
R/W
EP0IF
When set to
²1², indicates an endpoint 0 interrupt event.
Must wait for the MCU to process the interrupt event and
clear this bit by firmware. This bit must be
²0², then the
next interrupt event will be processed. Default value is
²0².
1
PEC1
R/W
EP1IF
When set to
²1², indicates an endpoint 1 interrupt event.
Must wait for the MCU to process the interrupt event,
then clear this bit by firmware. This bit must be
²0², then
the next interrupt event will be processed. Default value
is
²0².
2~3 PEC2~PEC3
R/W
¾
Reserved bit, set to
²0²
4
PEC4
R/W
SELPS2
When set to
²1², indicates that the chip is working under
PS2 mode. Default value is
²0².
5
PEC5
R/W
SELUSB
When set to
²1², indicates that the chip is working under
USB mode. Default value is 0.
6
PEC6
R/W
¾
Reserved bit, set to
²0²
7
PEC7
R/W
USB_flag
This flag is used to show that the MCU is in USB mode
(Bit=1). This bit is R/W by FW and will be cleared to zero
after power-on reset. The default is
²0².



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com