Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86192 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT86192
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86192 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT86192 Datasheet HTML 26Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 27Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 28Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 29Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 30Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 31Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 32Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86192 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
HT86XXX
Rev. 1.70
30
May 6, 2004
Audio Output and Volume Control
- DAL, DAH, VOL
The HT86XXX provides one 12-bit current type DAC de-
vice for driving external 8
W speaker through an external
NPN transistor. The programmer must write the voice
data to register DAL (27H) and DAH (28H). The 12-bit
audio output will be written to the higher nibble of DAL
and the whole byte of DAH, and the DAL3~0 is always
read as 0H. There are 8 scales of volume controllable
level that are provided for the current type DAC output.
The programmer can change the volume by only writing
the volume control data to the higher-nibble of the VOL
(29H), and the lower-nibble of VOL (29H) is always read
as 0H.
Voice Control Register
- VOICEC (26H)
The voice control register controls the voice ROM circuit
and DAC circuit, selects voice ROM latch counter, and
controls 32kHz crystal to start in speed-up mode or not.
If the DAC circuit is not enabled, any DAH/DAL output is
invalid. Writing a
²1² to DAC bit is to enable DAC circuit,
and writing a
²0² to DAC bit is to disable DAC circuit. If
the voice ROM circuit is not enabled, then voice ROM
data cannot be accessed at all. Writing a
²1² to VROMC
bit is to enable the voice ROM circuit, and writing a
²0² to
VROMC bit is to disable the voice ROM circuit. The bit 4
(LATCHC) is to determine what voice ROM address
latch counter will be adopted as voice ROM address
latch counter. The bit 7 (FAST) is to determine how to
activate 32kHz crystal of TMR3
¢s clock source.
Label
Bits
Function
¾
0
Unused bit, read as
²0²
DAC
1
Enable/disable DAC circuit
(0= disable DAC circuit;
1= enable DAC circuit)
The DAC circuit is not affected by the
HALT instruction.
The software controls bit DAC
(VoiceC.1) whether to enable/disable.
VROMC
2
Enable/disable voice ROM circuit
(0= disable voice ROM circuit;
1= enable voice ROM circuit)
¾
3
Unused bit, read as
²0²
LATCHC
4
Select voice ROM counter
(0= voice ROM address latch 0;
1= voice ROM address latch 1)
¾
5, 6 Unused bit, read as
²0²
FAST
7
Enable/disable speed-up 32kHz crys-
tal. Default to 0.
(0= speed-up 32kHz crystal;
1= non-speed-up 32kHz crystal)
Voice ROM Data Address Latch Counter
LATCH0H(18H)/LATCH0M(19H)/LATCH0L(1AH),
LATCH1H(1BH)/LATCH1M(1CH)/LATCH1L(1DH) and
voice ROM data register(2AH)
The voice ROM data address latch counter is the hand-
shaking between the microcontroller and voice ROM,
where the voice codes are stored. One 8-bit of voice
ROM data will be addressed by setting 24-bit address
latch counter LATCH0H/LATCH0M/LATCH0L or
LATCH1H/LATCH1M/LATCH1L. After the 8-bit voice
ROM data is addressed, a few instruction cycles (4
msat
least) will be cost to latch the voice ROM data, then the
microcontroller can read the voice data from
LATCHD(2AH).
Example: Read an 8-bit voice ROM data which is lo-
cated at address 000007H by address latch 0
set
[26H].2
; Enable voice ROM circuit
clr
[26H].4
; Select voice ROM address
; latch counter 0
mov
A, 07H
;
mov
LATCH0L, A ; Set LATCH0L to 07H
mov
A, 00H
;
mov
LATCH0M, A ; Set LATCH0M to 00H
mov
A, 00H
;
mov
LATCH0H, A ; Set LATCH0H to 00H
call
Delay Time
; Delay a short period of time
mov
A, LATCHD
; Get voice data at 000007H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com