Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBC75 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MBC75
Description  3 x 2 x 1 Inch Form Factor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC75 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MBC75 Datasheet HTML 1Page - Bel Fuse Inc. MBC75 Datasheet HTML 2Page - Bel Fuse Inc. MBC75 Datasheet HTML 3Page - Bel Fuse Inc. MBC75 Datasheet HTML 4Page - Bel Fuse Inc. MBC75 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MBC75 Series
tech.support@psbel.com
MBC75-1T12L
MBC75-1012L
Screw Terminal
Molex Header
12 V
6.25 A
0.0 A
1%
MBC75-1T15L
MBC75-1015L
Screw Terminal
Molex Header
15 V
5.00 A
0.0 A
1%
MBC75-1T24L
MBC75-1024L
Screw Terminal
Molex Header
24 V
3.12 A
0.0 A
1%
MBC75-1T30L
MBC75-1030L
Screw Terminal
Molex Header
30 V
2.50 A
0.0 A
1%
MBC75-1T48L
MBC75-1048L
Screw Terminal
Molex Header
48 V
1.56 A
0.0 A
1%
MBC75-1T58L
MBC75-1058L
Screw Terminal
Molex Header
58 V
1.29 A
0.0 A
1%
COVER-75-XBC3
metal cover kit accessory
Specifications are for nominal input voltage, 25°C unless otherwise stated.
Input Voltage
Universal
(Derate from 75 W @ 100 VAC to 65 W @ 85 VAC)
85-264 VAC / 390 VDC4
Input Frequency
47-63 Hz
Input Current
115 VAC:
230 VAC:
1 A max.
0.5 A max.
No Load Power
Typical
< 0.3 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
Typical (N.A. For Class II Option)
Touch current
300 uA
<100 uA
Power Factor
@ Full Load, Active PFC
> 0.95
Switching Frequency
Typical
60 kHz
1 For Class II Option (without input Earth pin) add suffix: -2 (e.g.: MBC75-1012L-2).
2 Ripple is peak to peak with 20 MHz bandwidth and 10 μF (Tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage
and load ranges.
3 When used in Cover Kit, de-rate output power to 70 % under all operating conditions
4 Functional, not approved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com