Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2-X009 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL2-X009
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2-X009 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL2-X009 Datasheet HTML 1Page - Vishay Siliconix IL2-X009 Datasheet HTML 2Page - Vishay Siliconix IL2-X009 Datasheet HTML 3Page - Vishay Siliconix IL2-X009 Datasheet HTML 4Page - Vishay Siliconix IL2-X009 Datasheet HTML 5Page - Vishay Siliconix IL2-X009 Datasheet HTML 6Page - Vishay Siliconix IL2-X009 Datasheet HTML 7Page - Vishay Siliconix IL2-X009 Datasheet HTML 8Page - Vishay Siliconix IL2-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IL1/ IL2/ IL5
Document Number 83612
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Figure 3. Non-saturated Switching Timing
Figure 4. Saturated Switching Timing
Figure 5. Forward Voltage vs. Forward Current
iil1_03
tR
tF
tD
50%
tPHL
VO
IF
tPLH
tS
iil1_04
IF
tR
=1.5 V
VO
tD
tS
tF
tPHL
tPLH
VTH
iil1_05
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
T A = -55°C
T A =100°C
T A = 25°C
Figure 6. Normalized Non-Saturated and Saturated CTR vs. LED
Current
Figure 7. Normalized Non-saturated and Saturated CTR vs. LED
Current
Figure 8. Normalized Non-saturated and saturated CTR vs. LED
Current
iil1_06
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
VCE =10V,IF =10mA
CTRce(sat) VCE = 0.4 V
iil1_07
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
ˇ
Normalized to:
VCE =10V,IF =10mA
TA= 50°C
CTRce(sat) VCE = 0.4 V
iil1_08
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
NCTR(SAT)
NCTR
Normalized to:
VCE =10V,IF =10mA
CTRce(sat) VCE = 0.4 V
TA= 70°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com