Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5503 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5503 Datasheet HTML 9Page - Linear Technology LT5503 Datasheet HTML 10Page - Linear Technology LT5503 Datasheet HTML 11Page - Linear Technology LT5503 Datasheet HTML 12Page - Linear Technology LT5503 Datasheet HTML 13Page - Linear Technology LT5503 Datasheet HTML 14Page - Linear Technology LT5503 Datasheet HTML 15Page - Linear Technology LT5503 Datasheet HTML 16Page - Linear Technology LT5503 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT5503
13
APPLICATIO S I FOR ATIO
The LT5503 consists of a direct quadrature modulator and
a mixer. The mixer operates over the range of 1.7GHz to
2.7GHz, and the modulator operates with an output range
of 1.2GHz to 2.7GHz. The LT5503 is designed specifically
for high accuracy digital modulation with supply voltages
as low as 1.8V. It is suitable for IEEE 802.11b wireless local
area network (WLAN), MMDS and wireless local loop
(WLL) transmitters.
A dual-conversion RF system requires two local oscilla-
tors to convert signals between the baseband and RF
domains (see Figure 3). The LT5503’s double-balanced
mixer can be used to generate the LT5503 modulator’s
high frequency carrier input (MODRFIN) by mixing the
systems 1st and 2nd local oscillators (LO1 and LO2). In
this case, a bandpass filter is required to select the desired
mixer output for the modulator input. The mixer’s RF
differential output produces –12dBm typically at 2.45GHz
and the modulator MODIN pin requires
≥ –16dBm, driven
single-ended. This allows approximately 4dB margin for
Figure 3. Example System Block Diagram for a Dual Conversion System
5503 F03
90
°
0
°
0
°
90
°
÷2
÷1
÷2
1ST LO
2ND LO
D/A
D/A
A/D
A/D
LT5502
LT5503
LNA
I
I
Q
Q
VGA
bandpass filter loss. The balanced output from the modu-
lator is applied to a variable gain amplifier (VGA) that
provides a single-ended output. Note that the modulator
can also be used independently of the mixer, freeing the
mixer to be used anywhere in the system. In this case,
MODRFIN will be driven from an external frequency source.
Modulator Baseband
The baseband I and Q inputs (BI+/BIand BQ+/BQ) are
internally biased to 1.4V to maximize the input signal
range at low supply voltage. This bias voltage is stable over
temperature, and increases by approximately 50mV at the
maximum supply voltage. The modulator I and Q inputs
have very wide bandwidth (120MHz typical), making the
LT5503 suitable for even the most wideband modulation
applications. For best carrier suppression and lowest
distortion, differential input drive should be used. Single-
ended drive is possible too, with the unused inputs AC-
coupled to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com