Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5503EFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT5503EFE
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503EFE Datasheet(HTML) 2 Page - Linear Technology

  LT5503EFE Datasheet HTML 1Page - Linear Technology LT5503EFE Datasheet HTML 2Page - Linear Technology LT5503EFE Datasheet HTML 3Page - Linear Technology LT5503EFE Datasheet HTML 4Page - Linear Technology LT5503EFE Datasheet HTML 5Page - Linear Technology LT5503EFE Datasheet HTML 6Page - Linear Technology LT5503EFE Datasheet HTML 7Page - Linear Technology LT5503EFE Datasheet HTML 8Page - Linear Technology LT5503EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT5503
2
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
BQ–
BQ+
GC1
MODIN
VCCMOD
VCCRF
LO1
VCCLO1
DMODE
MX+
BI–
BI+
GC2
MODOUT
VCCVGA
VCCLO2
LO2
MODEN
MIXEN
MX–
FE PACKAGE
20-LEAD PLASTIC TSSOP
PIN 21 = GND (BACKSIDE)
21
Supply Voltage ...................................................... 5.5V
Control Voltages .......................... –0.3V to (VCC + 0.3V)
Baseband Voltages (BI+ to BI– and BQ+ to BQ–) ......
±2V
Baseband Common Mode Voltage .....1V to (VCC – 0.3V)
LO1 Input Power .................................................. 4dBm
LO2 Input Power .................................................. 4dBm
MODIN Input Power ............................................. 4dBm
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 38°C/W
LT5503EFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com