Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A4624 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3A4624
Description  3.0V, SOTiny 0.4 Single-Supply SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A4624 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI3A4624 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A4624 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A4624 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A4624 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A4624 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A4624 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A4624 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A4624 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PI3A4624
3.0V, SOTiny™ 0.4Ω
Single-Supply SPDT Analog Switch
8
PS8712A
07/07/04
Packaging Mechanical: 6-Pin SOT-23 (T)
0.102
0.118�
BSC
0.60
0.000
0.005
0.00
0.15
0.014
0.019
0.35
0.50�
1.50
1.75
0.059
0.068
0.10
0.023
0.004
1.45�MAX.
SEATING
PLANE
0.057
0º - 10º
1.90�
0.075
0.037
BSC
2.60
3.00
0.95
0.110
0.118
2.80
3.00
X.XX
X.XX
Datum "A"
DENOTES DIMENSIONS
IN MILLIMETERS
2
5
3
6
4
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. X = Tape/Reel
3. Number of transistors = TBD
Ordering Information
Ordering Code
Package Code
Package Description
Top Mark
PI3A4624TX
T
6-pin, Small Compact SOT-23
ZF
PI3A4624TEX
T
Pb-free & Green, 6-pin, Small Compact SOT-23
ZF
PI3A4624ZCEX
ZC
Pb-free & Green, 6-pin, Ultra Compact TDFN
ZF
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com