Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP15DB Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP15DB
Description  15W 1.5KVDC Wide Voltage Input DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15DB Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP15DB_17 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15DB_17 Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP15DB Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 / 2
MECHANICAL DIMENSIONS
PIN CONNECTION
DIP Package
PIN
Single output
1
+Vin
2
-Vin
3
CNT
4
+V0
5
TRIMt
6
GND
MODEL SELECTION
PROTECTION CHARACTERISTICS
parameter
conditions
Output Over-current protection
Auto recovery
Output Short -circuit protection
Auto recovery
NOTES
1、 The maximum temperature can not exceed the specified value While product work.
2、 The highest working environment temperature of product is variable, the cooling conditions and the actual use of power changes will affect the product's
maximum working temperature.
3、
This series of high power density products, more heat dissipation, cooling area is limited; In high temperature environment & full-Load, it is recommended to
use auxiliary cooling measures (plus radiator, paste the metal box wall, etc.) to ensure that The temperature of the product substrate does not exceed the
specified value.
Units: mm
Tolerance:±0.2mm
TP
15
D B
24
S 05
W
W:4:1 Wide voltage input range
Output voltage
S: single output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
25.40
25.40
10.16
10.16
2.54
10.16
5.08
2.54
20.32
11.20
>4.00
1.00
1.20
1
2
4
5
6
底视图
3
TOPPOWER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com