Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV-8564-C3 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564-C3
Description  Real-Time Clock Module with I2C-Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564-C3 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  RV-8564-C3_17 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-8564-C3_17 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
RV-8564-C3
Real-Time Clock Module with I2C-Bus
All dimensions in mm typical
DESCRIPTION
The RV-8564-C3 is a SMT Real-Time Clock Module that incorporates
an integrated CMOS circuit together with an XTAL. It operates under
vacuum in a hermetically sealed ceramic package with metal lid.
APPLICATIONS
IoT
Metering
Industrial
Automotive
Health Care
Wearables, Portables
Package:
Recommended Solder Pad:
0,8
3,7
0,3
0,8 0,8 0,8 0,8
0,5
3,7
1
2
9
8
5
4
6
7
3
10
FEATURES
Low power consumption: 250 nA @ 3 V.
Wide operating voltage range: 1.2 V to 5.5 V.
Time accuracy: ±20 ppm @ 25°C.
Operating temperature: -40 to +85°C.
Low voltage detection.
Provides year, month, date, weekday, hours, minutes and seconds.
Leap year calculation and Century bit.
Alarm and timer functions.
Clock output frequencies: 32.768 kHz, 1024 Hz, 32 Hz, 1 Hz.
I2C-bus interface: 400 kHz.
100% Pb-free, RoHS-compliant.
Automotive qualification according to AEC-Q200 available.
BLOCK DIAGRAM
INPUT
OUTPUT
CONTROL
CLKOUT
SCL
SDA
VSS
VDD
POWER
CONTROL
XTAL
OSC
DIVIDER
CLKOE
Control 1
2
7
4
5
3
1
6
INT
0F
00
I2C-BUS
INTERFACE
Control 2
Seconds
Minutes
Hours
Days
Weekdays
Month / Century
Years
Minutes Alarm
Hour Alarm
Day Alarm
Weekday Alarm
CLKOUT frequency
Timer Control
Timer
02
09
0D
SYSTEM
CONTROL
LOGIC


Similar Part No. - RV-8564-C3_17

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-8564-C3 MICROCRYSTAL-RV-8564-C3 Datasheet
383Kb / 2P
Real Time Clock Module with I2C Bus
More results

Similar Description - RV-8564-C3_17

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3 Datasheet
383Kb / 2P
Real Time Clock Module with I2C Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2_16 Datasheet
443Kb / 2P
Real Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_18 Datasheet
980Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-8803-C7 MICROCRYSTAL-RV-8803-C7_18 Datasheet
992Kb / 2P
Real-Time Clock Module with I2C-Bus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com