Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7452 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7452
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7452 Datasheet HTML 17Page - Analog Devices AD7452 Datasheet HTML 18Page - Analog Devices AD7452 Datasheet HTML 19Page - Analog Devices AD7452 Datasheet HTML 20Page - Analog Devices AD7452 Datasheet HTML 21Page - Analog Devices AD7452 Datasheet HTML 22Page - Analog Devices AD7452 Datasheet HTML 23Page - Analog Devices AD7452 Datasheet HTML 24Page - Analog Devices AD7452 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD7452
Data Sheet
Rev. C | Page 20 of 24
MODES OF OPERATION
The mode of operation of the AD7452 is selected by controlling
the logic state of the CS signal during a conversion. There are
two possible modes of operation, normal and power-down. The
point at which CS is pulled high after the conversion has been
initiated determines whether or not the AD7452 enters the
power-down mode. Similarly, if already in power-down, CS
controls whether the device returns to normal operation or
remains in power-down. These modes of operation are designed to
provide flexible power management options. These options can
be chosen to optimize the power dissipation/throughput rate
ratio for differing application requirements.
NORMAL MODE
This mode is intended for fastest throughput rate performance.
The user does not have to worry about any power-up times with
the AD7452 remaining fully powered up all the time. Figure 36
shows the general diagram of the AD7452’s operation in this
mode. The conversion is initiated on the falling edge of CS, as
described in the Serial Interface section. To ensure that the part
remains fully powered up, CS must remain low until at least 10
SCLK falling edges have elapsed after the falling edge of CS.
If CS is brought high any time after the 10th SCLK falling edge,
but before the 16th SCLK falling edge, the part remains powered
up but the conversion is terminated and SDATA goes back into
three-state. Sixteen serial clock cycles are required to complete
the conversion and access the complete conversion result. CS
may idle high until the next conversion or may idle low until
sometime prior to the next conversion. Once a data transfer is
complete, that is, when SDATA has returned to three-state,
another conversion can be initiated after the quiet time, tQUIET,
has elapsed by again bringing CS low.
110
CS
SCLK
SDATA
16
4 LEADING ZEROS + CONVERSION RESULT
Figure 36. Normal Mode Operation
POWER-DOWN MODE
This mode is intended for use in applications where slower
throughput rates are required; either the ADC is powered down
between each conversion, or a series of conversions may be
performed at a high throughput rate and the ADC is then
powered down for a relatively long duration between these
bursts of several conversions. When the AD7452 is in power-
down mode, all analog circuitry is powered down. To enter
power-down mode, the conversion process must be interrupted
by bringing CS high anywhere after the second falling edge of
SCLK, and before the 10th falling edge of SCLK, as shown in
Figure 37.
1
10
CS
SCLK
SDATA
THREE-STATE
2
Figure 37. Entering Power-Down Mode
Once CS has been brought high in this window of SCLKs, the
part enters power-down, the conversion that was initiated by
the falling edge of CS is terminated, and SDATA goes back into
three-state. The time from the rising edge of CS to SDATA
three-state enabled is never greater than t8 (refer to the Timing
Specifications). If CS is brought high before the second SCLK
falling edge, the part remains in normal mode and does not
power down. This avoids accidental power-down due to glitches
on the CS line.
In order to exit this mode of operation and power up the
AD7452 again, a dummy conversion is performed. On the
falling edge of CS, the device begins to power up and continues
to power up as long as CS is held low until after the falling edge
of the 10th SCLK. The device is fully powered up after 1 μs has
elapsed and, as shown in Figure 38, valid data results from the
next conversion.
If CS is brought high before the 10th falling edge of SCLK, the
AD7452 again goes back into power-down. This avoids acci-
dental power-up due to glitches on the CS line or an inadvertent
burst of eight SCLK cycles while CS is low. So although the
device may begin to power up on the falling edge of CS, it again
powers down on the rising edge of CS as long as it occurs before
the 10th SCLK falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com