Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXBD4410P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXBD4410P
Description  ISOSMART Half Bridge Driver Chipset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBD4410P Datasheet(HTML) 4 Page - IXYS Corporation

  IXBD4410P Datasheet HTML 1Page - IXYS Corporation IXBD4410P Datasheet HTML 2Page - IXYS Corporation IXBD4410P Datasheet HTML 3Page - IXYS Corporation IXBD4410P Datasheet HTML 4Page - IXYS Corporation IXBD4410P Datasheet HTML 5Page - IXYS Corporation IXBD4410P Datasheet HTML 6Page - IXYS Corporation IXBD4410P Datasheet HTML 7Page - IXYS Corporation IXBD4410P Datasheet HTML 8Page - IXYS Corporation IXBD4410P Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2004 IXYS All rights reserved
IXBD4410
IXBD4411
Chipset Overview
This ISOSMARTTM chipset is a pair of
integrated circuits providing isolated
high- and low-side drivers for phase-
leg motor controls, or any other
application which utilizes a half bridge,
2- or 3-phase drive configuration. They
consist of two drive control inputs (INL
and INH) for two Power-MOSFET/IGBT
gate-drive outputs. Both inputs operate
from a common ground and are
activated by HCMOS compatible logic
levels. The low-side output operates
near input ground, while the high-side
output operates from a floating ground
that is nominally the source connection
of the high-side phase-leg power
device. Both outputs typically provide 2
A of transient current drive for fast
switching of the phase-leg power
device.
IXBD4410/IXBD4411
The full featured ISOSMARTTM driver
chipset incorporates a IXBD4410 as
the low-side driver (Fig. 3) and a
IXBD4411 as the high-side driver (Fig.
2). When input "INL" is set to a positive
logic level, the low-side gate output
goes high (turns on); when "INH" is set
to a positive logic level, the high-side
gate drive output goes high. The high-
side IC is isolated from the low-side IC
by a magnetic barrier, across which the
turn on/off signal is transmitted to the
high-side gate drive. The IXBD4411
fault signal is also transmitted back to
the IXBD4410 driver via these
transformers. This isolation only
depends on the low cost communica-
tions transformer, which is designed to
withstand 1200 V or more.
There are two magnetic transmission
channels between the low- and high-
side IC's for bi-directional communi-
cation. One sends a signal from the
low-side IXBD4410 IC up to the high-
side IXBD4411 IC and the other sends
a signal back from the high-side to the
low-side IC. The signal that is sent up
controls the IXBD4411 gate-drive
output. The signal sent from the
IXBD4411 back to the IXBD4410
indicates a high-side fault has occurred
(overcurrent, or under-voltage of the
high-side +power supplies). This is
detected at the IXBD4410 driver and
sets "FLT" pin low, to indicate the high-
side fault.
The fault signal that is returned from
15
14
13
12
V
EE
V
DD
UV
DD
Fig. 2: IXBD4411, high-side driver block diagram
15
14
13
12
V
DD
V
EE
UV
DD
UV
EE
Fig. 3: IXBD4410, low-side driver block diagram
Fig. 4: Logic representation of IXBD4410 FLT signal
UV
EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com