Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7666AST Datasheet(PDF) 18 Page - Analog Devices

Part # AD7666AST
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7666AST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7666AST Datasheet HTML 14Page - Analog Devices AD7666AST Datasheet HTML 15Page - Analog Devices AD7666AST Datasheet HTML 16Page - Analog Devices AD7666AST Datasheet HTML 17Page - Analog Devices AD7666AST Datasheet HTML 18Page - Analog Devices AD7666AST Datasheet HTML 19Page - Analog Devices AD7666AST Datasheet HTML 20Page - Analog Devices AD7666AST Datasheet HTML 21Page - Analog Devices AD7666AST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD7666
Rev. 0 | Page 17 of 28
Transfer Functions
Table 7. Output Codes and Ideal Input Voltages
Digital Output Code (Hex)
Description
Analog
Input
Straight
Binary
Twos
Complement
FSR –1 LSB
2.499962 V
FFFF1
7FFF1
FSR – 2 LSB
2.499923 V
FFFE
7FFE
Midscale + 1 LSB
1.250038 V
8001
0001
Midscale
1.25 V
8000
0000
Midscale – 1 LSB
1.249962 V
7FFF
FFFF
–FSR + 1 LSB
38 µV
0001
8001
–FSR
0 V
00002
80002
Using the OB/2C digital input, the AD7666 offers two output
codings: straight binary and twos complement. The LSB size is
VREF/65536, which is about 38.15 µV. The AD7666’s ideal
transfer characteristic is shown in Figure 25 and Table 7.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
VREF – 1.5 LSB
VREF – 1 LSB
1LSB
0V
0.5 LSB
1 LSB = V REF/65536
1This is also the code for overrange analog input (VIN – VINGND above
VREF – VREFGND).
2This is also the code for underrange analog input (VIN below VINGND).
Figure 25. ADC Ideal Transfer Function
NOTES
1THE CONFIGURATION SHOWN IS USING THE INTERNAL REFERENCE AND INTERNAL BUFFER.
2THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
3OPTIONAL LOW JITTER.
4A 10
µF CERAMIC CAPACITOR (X5R, 1206 SIZE) IS RECOMMENDED (e.g., PANASONIC ECJ3YB0J106M).
SEE VOLTAGE REFERENCE INPUT SECTION.
AD7666
D3
CLOCK
µC/µP/DSP
SERIAL
PORT
DIGITAL SUPPLY
(3.3V OR 5V)
DVDD
100nF
+
10
µF
100nF
+
10
µF
20
Ω
100nF
+
10
µF
ANALOG
SUPPLY
(5V)
CC
ANALOG INPUT
(0V TO 2.5V)
PD
RESET
SER/PAR
OB/2C
BUSY
SDOUT
SCLK
INGND
IN
REFGND
REF
AGND
AVDD
DGND
DVDD
OVDD
OGND
U12
PDREF
PDBUF
RD
CS
CNVST
REFBUFIN1
100nF
BYTESWAP
CR4
2.7nF
15
Ω
Figure 26. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com