Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC00IV Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT73LC00IV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00IV Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT73LC00IV Datasheet HTML 23Page - Exar Corporation XRT73LC00IV Datasheet HTML 24Page - Exar Corporation XRT73LC00IV Datasheet HTML 25Page - Exar Corporation XRT73LC00IV Datasheet HTML 26Page - Exar Corporation XRT73LC00IV Datasheet HTML 27Page - Exar Corporation XRT73LC00IV Datasheet HTML 28Page - Exar Corporation XRT73LC00IV Datasheet HTML 29Page - Exar Corporation XRT73LC00IV Datasheet HTML 30Page - Exar Corporation XRT73LC00IV Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
áç
áç
áç
áç
XRT73LC00
E3/DS3/STS-1 LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.1
24
The XRT73LC00 Transmit Clock Duty Cycle Adjust
circuit alleviates the need to supply a signal with a
50% duty cycle to the TCLK input pin.
2.3
THE HDB3/B3ZS ENCODER BLOCK
The purpose of the HDB3/B3ZS Encoder Block is to
aid in the Clock Recovery process at the Remote Ter-
minal Equipment by ensuring an upper limit on the
number of consecutive zeros that can exist in the line
signal.
2.3.1
B3ZS Encoding
If the XRT73LC00 is configured to operate in the
DS3 or SONET STS-1 Modes, then the HDB3/B3ZS
Encoder block operates in the B3ZS Mode. When the
Encoder is operating in this mode, it parses through
and searches the Transmit Binary Data Stream from
the Transmit Logic Block for the occurrence of three
(3) consecutive zeros (“000”). If the B3ZS Encoder
finds an occurrence of three consecutive zeros, it
substitutes these three “0’s” with either a "00V" or a
"B0V" pattern.
“B” represents a Bipolar pulse that is compliant with
the Alternating Polarity requirements of the AMI (Al-
ternate Mark Inversion) line code and “V” represents
a bipolar Violation (e.g., a bipolar pulse that violates
the Alternating Polarity requirements of the AMI line
code).
The B3ZS Encoder decides whether to substitute
with either a "00V" or a "B0V" pattern to insure that
an odd number of bipolar pulses exist between any
two consecutive violation pulses.
Figure 14 illustrates the B3ZS Encoder at work with
two separate strings of three (or more) consecutive
zeros.
2.3.2
HDB3 Encoding
If the XRT73LC00 is configured to operate in the E3
Mode, then the HDB3/B3ZS Encoder block operates
in the HDB3 Mode. When the Encoder is operating in
this mode, it parses through and searches the Trans-
mit Data Stream from the Transmit Logic Block for the
occurrence of four (4) consecutive zeros (“0000”). If
the HDB3 Encoder finds an occurrence of four con-
secutive zeros, then it substitutes these four “0’s” with
either a “000V” or a “B00V” pattern to insure that an
odd number of bipolar pulses exist between any two
consecutive violation pulses.
Figure 15 illustrates the HDB3 Encoder at work with
two separate strings of four (or more) consecutive ze-
ros.
FIGURE 14. AN EXAMPLE OF B3ZS ENCODING
TClk
TPOS
SR data
Encoded
PDATA
Encoded
NDATA
10
0
1
01
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
00
1
1
0
1
0
1
1
1
0
00
1
1
00
01
01
0
0
0
0
0
00
0
0
0
1
11
1
1
000
0
0
0
0
0
0
0
1
0
0
0
0
01
01
01
01
01
01
01
01
1
10
10
1
0
10
1
0
1
Line signal
BV
0
V
0
0
0
FIGURE 15. AN EXAMPLE OF HDB3 ENCODING
TClk
TPOS
SR data
Encoded
PDATA
Encoded
NDATA
100
1
01
00
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
00
1
1
0
1
0
1
1
1
0
00
1
1
00
01
01
0
0
0
0
0
00
0
0
0
1
11
1
1
0
0
0
0
00000
0
1
0
0
0
0
01
01
01
01
01
01
01
01
1
10
10
1
0
10
1
0
1
Line signal
BV
0
V
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com