Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2773CDGS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2773CDGS
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2773CDGS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2773CDGS Datasheet HTML 6Page - Texas Instruments TLV2773CDGS Datasheet HTML 7Page - Texas Instruments TLV2773CDGS Datasheet HTML 8Page - Texas Instruments TLV2773CDGS Datasheet HTML 9Page - Texas Instruments TLV2773CDGS Datasheet HTML 10Page - Texas Instruments TLV2773CDGS Datasheet HTML 11Page - Texas Instruments TLV2773CDGS Datasheet HTML 12Page - Texas Instruments TLV2773CDGS Datasheet HTML 13Page - Texas Instruments TLV2773CDGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV277xI
TLV277xAI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TLV2770/1/2
25
°C
0.44
2.5
0.44
1.6
VIO
Input offset
TLV2770/1/2
VIC = 0, VO = 0,
RS 50 Ω
Full range
0.47
2.7
0.47
1.9
mV
VIO
voltage
TLV2773/4/5
RS = 50 Ω
VDD = ±135 V
25
°C
0.8
2.7
0.8
2.1
mV
TLV2773/4/5
VDD = ±1.35 V
Full range
0.86
2.9
0.86
2.2
αVIO
Temperature coefficient of input
25
°C to
2
2
µV/°C
αVIO
offset voltage
125
°C
2
2
µV/°C
IIO
Input offset current
VIC = 0, VO = 0,
25
°C
1
60
1
60
pA
IIO
Input offset current
IC
,
O
,
RS = 50 Ω
Full range
2
125
2
125
pA
IIB
Input bias current
25
°C
2
60
2
60
pA
IIB
Input bias current
Full range
6
350
6
350
pA
0
– 03
0
– 03
25
°C
0
to 1 4
– 0.3
to 1 7
0
to 1 4
– 0.3
to 1 7
VICR
Common-mode input voltage
CMRR > 70 dB,
25 C
to 1.4
to 1.7
to 1.4
to 1.7
V
VICR
g
range
,
RS = 50 Ω
0
– 03
0
– 03
V
range
RS 50 Ω
Full range
0
to 1 4
– 0.3
to 1 7
0
to 1 4
– 0.3
to 1 7
Full range
to 1.4
to 1.7
to 1.4
to 1.7
IOH = 0 675 mA
25
°C
2.6
2.6
VOH
High level output voltage
IOH = – 0.675 mA
Full range
2.5
2.5
V
VOH
High-level output voltage
IOH = 22 mA
25
°C
2.4
2.4
V
IOH = – 2.2 mA
Full range
2.1
2.1
VIC = 1.35 V,
25
°C
0.1
0.1
VOL
Low level output voltage
IC
,
IOL = 0.675 mA
Full range
0.2
0.2
V
VOL
Low-level output voltage
VIC = 1.35 V,
25
°C
0.21
0.21
V
IC
,
IOL = 2.2 mA
Full range
0.6
0.6
AVD
Large-signal differential voltage
VIC = 1.35 V,
RL 10 kΩ
25
°C
20
380
20
380
V/mV
AVD
gg
g
amplification
RL = 10 kΩ,
VO = 0.6 V to 2.1 V
Full range
13
13
V/mV
ri(d)
Differential input resistance
25
°C
1012
1012
Ω
ci(c)
Common-mode input
capacitance
f = 10 kHz,
25
°C
8
8
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25
°C
25
25
Ω
CMRR
Common mode rejection ratio
VIC = 0 to 1.5 V,
VO 15 V
25
°C
70
84
70
84
dB
CMRR
Common-mode rejection ratio
VO = 1.5 V,
RS = 50 Ω
Full range
70
82
70
82
dB
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 5 V,
VIC VDD /2
25
°C
70
89
70
89
dB
kSVR
yg
j
(
∆VDD /∆VIO)
VIC = VDD /2,
No load
Full range
70
84
70
84
dB
IDD
Supply current (per channel)
VO = 1 5 V No load
25
°C
1
2
1
2
mA
IDD
Supply current (per channel)
VO = 1.5 V, No load
Full range
2
2
mA
IDD(SHDN)
Supply current in shutdown (per
25
°C
0.8
1.5
0.8
1.5
µA
IDD(SHDN)
y(
channel)
Full range
1.3
2
1.3
2
µA
† Full range is – 40
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com