Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54534P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M54534P
Description  6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54534P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54534P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54534P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54534P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54534P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54534P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aug.1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54534P/FP
6-UNIT 320mA TRANSISTOR ARRAY WITH CLAMP DIODE AND STROBE
5
6
Duty cycle (%)
3
4
1,2
5
6
0
0
100
200
300
400
20
40
60
80
100
0
0
100
200
300
400
20
40
60
80
100
Duty cycle (%)
1
2
3
4
Duty-Cycle-Collector Characteristics
(M54534FP)
Duty-Cycle-Collector Characteristics
(M54534FP)
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C, VCC = 6.5V
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 75
°C, VCC = 6.5V
DC Amplification Factor
Collector Current Characteristics
Grounded Emitter Transfer Characteristics
Input Characteristics
Input voltage VI (V)
Input voltage VI (V)
101
102
103
3
5
7
104
3
5
7
102
35
7
103
35
7
VCC = 6.5V, VI(STB) = 2.4V
VCE = 4V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
VCC = 6.5V, VI(STB) = 2.4V
VCE = 4V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
VCC = 8V
VSTB = 2.4V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
0
100
200
300
400
01234
0
2
4
6
8
10
020
510
15
Collector current Ic (mA)
Supply Current Characteristics (common)
Supply voltage VCC (V)
VSTB = 2.4V
VI = 3.2V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
0
50
100
150
200
02468
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com